Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8232 Datasheet(PDF) 55 Page - Cirrus Logic

Part # WM8232
Description  105MSPS 3-Channel AFE with Sensor
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8232 Datasheet(HTML) 55 Page - Cirrus Logic

Back Button WM8232 Datasheet HTML 51Page - Cirrus Logic WM8232 Datasheet HTML 52Page - Cirrus Logic WM8232 Datasheet HTML 53Page - Cirrus Logic WM8232 Datasheet HTML 54Page - Cirrus Logic WM8232 Datasheet HTML 55Page - Cirrus Logic WM8232 Datasheet HTML 56Page - Cirrus Logic WM8232 Datasheet HTML 57Page - Cirrus Logic WM8232 Datasheet HTML 58Page - Cirrus Logic WM8232 Datasheet HTML 59Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 141 page
background image
WM8232
Rev 4.6
55
BLC configuration
BLC start pixel
configuration
0xBD,0xBE OB_START
BLC period
configuration
0x53,0x54 BPIX_AVAIL
Coarse adjust
configuration
0x51[2:0] CADUR
0x51[3] CA_EVERYLINE
Fine adjust
configuration
0x51[4] FA_EN
0x51[6] FA_EVERYLINE
BLC target level
configuration
0x4A0x4D,0x50
TARGETINn*
Set the frame start
indicator (*2)
0x52[0] FRAME_START
Start the frame
sequence
TGSYNC
Line length
configuration
TG
enabled
0xA1,0xA2 LLENGTH
0xA0[0] TG_EN
TG mode
selection
Master mode
0xA0[1] TGMD=1
Slave mode
0xA0[1] TGMD=0
TG enabled (*1)
Figure 45 BLC Configuration
Notes:
1. This must be set when BLC is used.
2. With this register set, frame sequence will be started after TGSYNC is recognized. Therefore this
should be set within the last line of previous frame.
PGA CONFIGURATION
The WM8232 provides an Automatic Gain Control (AGC) function. The output code is calibrated to
target level by this automatic gain control function. See
“Automatic Gain Control (AGC)” section for
details of AGC sequence. Also, see the following instruction to configure AGC related registers. The
analogue PGA (APGA) and digital PGA (DPGA) can be configured manually when AGC is not
required. See
“Offset Adjust and Programmable Gain” section for details of PGA configuration.
PGA configuration
APGA
configuration
AGC
configuration
0x2F,0x32,0x35
AGAININ*
Using AGC function
Yes
No
DPGA
configuration
0x3A,3B,40,41,46,47
DGAININ*
Manual PGA configuration
Figure 46 PGA Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com