Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8232 Datasheet(PDF) 43 Page - Cirrus Logic

Part # WM8232
Description  105MSPS 3-Channel AFE with Sensor
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8232 Datasheet(HTML) 43 Page - Cirrus Logic

Back Button WM8232 Datasheet HTML 39Page - Cirrus Logic WM8232 Datasheet HTML 40Page - Cirrus Logic WM8232 Datasheet HTML 41Page - Cirrus Logic WM8232 Datasheet HTML 42Page - Cirrus Logic WM8232 Datasheet HTML 43Page - Cirrus Logic WM8232 Datasheet HTML 44Page - Cirrus Logic WM8232 Datasheet HTML 45Page - Cirrus Logic WM8232 Datasheet HTML 46Page - Cirrus Logic WM8232 Datasheet HTML 47Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 141 page
background image
WM8232
Rev 4.6
43
resolution being used. As TARGETINP* is an 8 bit register, the 4 MSBs of a data output code cannot
be changed.
16-bit ADC Resolution
For 16bit resolution the target code entered into TARGETINP* will ignore the 4 MSBs and 4 LSBs of
the 16-bit data output. For example if the desired code out is 0000111111110001, the value entered
into TARGETINP* would be 11111111.
10-bit ADC Resolution
For 10bit resolution the 4 MSBs of the 10bit data output code will be ignored. The 2 LSBs of the
target code should be set to ‘00’. For example if the desired code out is 0000111111, the value
entered into TARGETINP* would be 11111100.
BLC SCENARIOS OF OPERATION
The BLC can be used in various ways to suit the application, for example calibration can be done
once per page or once per line. Three potential scenarios of operation are suggested below.
Note: The registers FRAME_START and SEQ_START when set high by the user will automatically be
set low by the device.
SCENARIO 1
In this scenario, Coarse Adjust Calibration is enabled for the 1st line; Fine Adjust Calibration is enabled
for every line, with the Fine Adjust Calibration result recalculated every line. This scenario is suitable
for dealing with large amounts of D.C. drift throughout a frame; but this is at a cost of potential line-by-
line variation in the Fine Adjust result (dependent on sensor noise and the PGA gain). Table 14 shows
which registers are required for this scenario with example settings.
SETUP
REGISTER
BPIX_AVAIL
CADUR
FRAME_START
FA_EVERYLINE
Value
50
2
1
1
Table 14 Example Register Settings for Scenario 1
Black Pixels
Image Pixels
Use Fine Adjust Result here
Use Fine Adjust Result here
Use Fine Adjust Result here
Use Fine Adjust Result here
Use Fine Adjust Result here
Use Fine Adjust Result here
Use Fine Adjust Result here
Use Fine Adjust Result here
Fine Adjust cleared
Line 1
Line 2
Line 3
Line 4
Line 5
Line 6
Line 7
Line n
- - -
- - -
- - -
Use Fine Adjust Result here
Use Fine Adjust Result here
Use Fine Adjust Result here
Auto Fine Adjust clear
Fine Adjust cleared
Fine Adjust cleared
Fine Adjust cleared
Fine Adjust cleared
Fine Adjust cleared
Fine Adjust cleared
Fine Adjust cleared
Fine Adjust cleared
Fine Adjust cleared
Figure 29 Scenario 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com