Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8232 Datasheet(PDF) 10 Page - Cirrus Logic

Part # WM8232
Description  105MSPS 3-Channel AFE with Sensor
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8232 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button WM8232 Datasheet HTML 6Page - Cirrus Logic WM8232 Datasheet HTML 7Page - Cirrus Logic WM8232 Datasheet HTML 8Page - Cirrus Logic WM8232 Datasheet HTML 9Page - Cirrus Logic WM8232 Datasheet HTML 10Page - Cirrus Logic WM8232 Datasheet HTML 11Page - Cirrus Logic WM8232 Datasheet HTML 12Page - Cirrus Logic WM8232 Datasheet HTML 13Page - Cirrus Logic WM8232 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 141 page
background image
WM8232
10
Rev 4.6
Test Conditions
AVDD = LDOVDD = DBVDD = 3.3V, AGND = LDOGND = DBGND= 0V, TA = 25C, MCLK= 35MHz unless otherwise stated.
PARAMETER
SYMBOL
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
CMOS Outputs
High level output voltage
VOH
IOH = 6mA
AVDD
– 0.5
V
Low level output voltage
VOL
IOL = 1mA
0.5
V
High impedance output current
IOZ
1
A
TG Outputs
High level output voltage
VOHTG
IOH = 1mA
AVDD
– 0.5
V
Low level output voltage
VOLTG
IOL = 1mA
0.5
V
High impedance output current
IOZTG
Grounded
1
A
Digital IO Pins
Applied high level input voltage
VIH
0.7
AVDD
V
Applied low level input voltage
VIL
0.2
AVDD
V
High level output voltage
VOH
IOH = 1mA
AVDD
– 0.5
V
Low level output voltage
VOL
IOL = 1mA
0.5
V
Low level input current
IIL
1
A
High level input current
IIH
1
A
Input capacitance
CI
5
pF
Output Impedance
RO
IO = 1mA
22
Ω
High impedance output current
IOZ
1
A
LVDS Outputs
Differential load impedance
RL
90
100
110
Ω
Differential steady-state output
voltage magnitude
|VOD|
LVDS_AMP=011,
RL=100Ω
200
mV
Change in the steady-state
differential output voltage
magnitude between opposite
binary states
Δ|V
OD|
RL=100Ω
15
mV
Steady-state common-mode
output voltage
VOC(SS)
RL=100Ω
1.25
V
Peak-to-peak common-mode
output
VOC(PP)
20
50
mV
Short-circuit output current
IOS
–6
6
mA
High-impedance state output
current
IOZ
–10
10
uA
Supply Currents
Total supply current
 active
SF_INP=0, SF_VRLC=0
230
mA
SF_INP-1, SF_VRLC=1
250
mA
Total supply current
 full power
down mode
1.2
mA
Notes:
1.
Full-scale input voltage denotes the differential input signal amplitude (VIN-VRLC in non-CDS mode, VIN-RESET level in CDS
mode) that corresponds to the ADC full-scale input level.
2.
If AVDD < 3.0V, the VRLC input voltage must not exceed AVDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com