Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8232 Datasheet(PDF) 6 Page - Cirrus Logic

Part # WM8232
Description  105MSPS 3-Channel AFE with Sensor
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8232 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button WM8232 Datasheet HTML 2Page - Cirrus Logic WM8232 Datasheet HTML 3Page - Cirrus Logic WM8232 Datasheet HTML 4Page - Cirrus Logic WM8232 Datasheet HTML 5Page - Cirrus Logic WM8232 Datasheet HTML 6Page - Cirrus Logic WM8232 Datasheet HTML 7Page - Cirrus Logic WM8232 Datasheet HTML 8Page - Cirrus Logic WM8232 Datasheet HTML 9Page - Cirrus Logic WM8232 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 141 page
background image
WM8232
6
Rev 4.6
PIN DESCRIPTION
PIN
NAME
TYPE
DESCRIPTION
1
VREF2C
Analogue output
Mid reference voltage.
This pin must be connected to AGND via a decoupling capacitor.
2
VRLC/VBIAS
Analogue I/O
Reference voltage input/output
3
VREF3C
Analogue output
Lower reference voltage.
This pin must be connected to AGND via a decoupling capacitor.
4
VREF1C
Analogue output
Upper reference voltage.
This pin must be connected to AGND via a decoupling capacitor.
5
SEN
Digital input
Enables the serial interface when high
6
SDO
Digital output
Serial interface data output
7
SCK
Digital input
Serial interface clock
8
SDI
Digital input
Serial interface data input
9
LDO2VDD
Supply
Analogue supply
10
LDO2GND
Supply
Analogue ground
11
LDO2VOUT
Supply
LDO output
This pin must be connected to AGND via a decoupling capacitor.
12
DSLCT2
Analogue input
Device select 2
13
MCLK
Analogue input
Master clock
14
DSLCT1
Analogue input
Device select 1
15
D5N/OP[9]
LVDS output
LVDS Data output 5
– Negative / CMOS output 9
16
D5P/OP[8]
LVDS output
LVDS Data output 5
– Positive / CMOS output 8
17
D4N/OP[7]
LVDS output
LVDS Data output 4
– Negative / CMOS output 7
18
D4P/OP[6]
LVDS output
LVDS Data output 4
– Positive / CMOS output 6
19
DCLKN/OC[2]
LVDS output
LVDS Clock Output
– Negative/ CMOS flag output
20
DCLKP/OC[1]
LVDS output
LVDS Clock Output
– Positive/ CMOS clock output
21
DBGND
Supply
Analogue ground.
22
DBVDD
Supply
Analogue supply.
23
D3N/OP[5]
LVDS output
LVDS Data output 3
– Negative / CMOS output 5
24
D3P/OP[4]
LVDS output
LVDS Data output 3
– Positive / CMOS output 4
25
D2N/OP[3]
LVDS output
LVDS Data output 2
– Negative / CMOS output 3
26
D2P/OP[2]
LVDS output
LVDS Data output 2
– Positive / CMOS output 2
27
D1N/OP[1]
LVDS output
LVDS Data output 1
– Negative / CMOS output 1
28
D1P/OP[0]
LVDS output
LVDS Data output 1
– Positive / CMOS output 0
29
HZCTRL
Digital input
Internal use only. Must be connected to AGND.
30
MON
Analogue output
Clock monitor
31
LDO1VOUT
Supply
LDO output.
This pin must be connected to AGND via a decoupling capacitor.
32
LDO1GND
Supply
Analogue ground
33
LDO1VDD
Supply
Analogue supply
34
TGSYNC
Digital I/O
Sensor Timing Sync pulse
35
CLK1
Digital output
Sensor Timing Output 1
36
CLK2
Digital output
Sensor Timing Output 2
37
CLK3
Digital output
Sensor Timing Output 3
38
CLK4
Digital output
Sensor Timing Output 4
39
CLK5
Digital output
Sensor Timing Output 5
40
CLK6
Digital output
Sensor Timing Output 6
41
CLK7
Digital output
Sensor Timing Output 7
42
CLK8
Digital output
Sensor Timing Output 8
43
CLK9
Digital output
Sensor Timing Output 9
44
CLK10
Digital output
Sensor Timing Output 10
45
CLK11
Digital output
Sensor Timing Output 11
46
AGND3
Supply
Analogue ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com