Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8232 Datasheet(PDF) 47 Page - Cirrus Logic

Part # WM8232
Description  105MSPS 3-Channel AFE with Sensor
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8232 Datasheet(HTML) 47 Page - Cirrus Logic

Back Button WM8232 Datasheet HTML 43Page - Cirrus Logic WM8232 Datasheet HTML 44Page - Cirrus Logic WM8232 Datasheet HTML 45Page - Cirrus Logic WM8232 Datasheet HTML 46Page - Cirrus Logic WM8232 Datasheet HTML 47Page - Cirrus Logic WM8232 Datasheet HTML 48Page - Cirrus Logic WM8232 Datasheet HTML 49Page - Cirrus Logic WM8232 Datasheet HTML 50Page - Cirrus Logic WM8232 Datasheet HTML 51Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 141 page
background image
WM8232
Rev 4.6
47
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R74 (4Ah)
7:0
TARGETIN1[7:0]
0000_0000
target black level for IN1[7:0]
R77 (4Dh)
7:0
TARGETIN2[7:0]
0000_0000
target black level for IN2[7:0]
R80 (50h)
7:0
TARGETIN3[7:0]
0000_0000
target black level for IN3[7:0]
R87 (57h)
7:4
AGCAVE[3:0]
0000
averaging factor before peak detection
0000 = no average, 0001 = 2, 0010 = 4, 0011 = 8
…, 1010
= 1024 (1011 = 1100 = 1101 = 1110 = 1111 = reserved)
2
AGC_ERRFLAG
0
AGC error flag
0 = no error detected, 1 = AGC finish with error
1
AGC_ENDFLAG
0
AGC end flag
0 = not end or not run, 1 = AGC sequence was done
0
AGC_EN
0
AGC enable
0 = disable, 1 = enable
R88 (58h)
6:4
AGC_DPD[2:0]
000
the number of peak detection iterations to calculate digital
gain
2:0
AGC_APD[2:0]
000
the number of peak detection iterations to calculate
analogue gain
R93 (5Dh)
7:0
AGC_TARGETIN1
[7:0]
0000_0000
LSB of AGC target level for IN1
R94 (5Eh)
1:0
AGC_TARGETIN1
[9:8]
00
MSB of AGC target level for IN1
R99 (63h)
7:0
AGC_TARGETIN2
[7:0]
0000_0000
LSB of AGC target level for IN2
R100 (64h)
1:0
AGC_TARGETIN2
[9:8]
00
MSB of AGC target level for IN2
R105 (69h)
7:0
AGC_TARGETIN3
[7:0]
0000_0000
LSB of AGC target level for IN3
R106 (6Ah)
1:0
AGC_TARGETIN3
[9:8]
00
MSB of AGC target level for IN3
R191 (BFh)
7:0
PEAKDET_RISE
[7:0]
0000_0000
LSB of PEAKDET_RISE[14:0]
peak detection start pixel count
R192 (C0h)
6:0
PEAKDET_RISE
[14:8]
000_0000
MSB of PEAKDET_RISE[14:0]
peak detection start pixel count
R193 (C1h)
7:0
PEAKDET_FALL
[7:0]
0000_0000
LSB of PEAKDET_FALL[14:0]
peak detection start pixel count
R194 (C2h)
6:0
PEAKDET_FALL
[14:8]
000_0000
MSB of PEAKDET_FALL[14:0]
peak detection start pixel count



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com