Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8232 Datasheet(PDF) 64 Page - Cirrus Logic

Part # WM8232
Description  105MSPS 3-Channel AFE with Sensor
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8232 Datasheet(HTML) 64 Page - Cirrus Logic

Back Button WM8232 Datasheet HTML 60Page - Cirrus Logic WM8232 Datasheet HTML 61Page - Cirrus Logic WM8232 Datasheet HTML 62Page - Cirrus Logic WM8232 Datasheet HTML 63Page - Cirrus Logic WM8232 Datasheet HTML 64Page - Cirrus Logic WM8232 Datasheet HTML 65Page - Cirrus Logic WM8232 Datasheet HTML 66Page - Cirrus Logic WM8232 Datasheet HTML 67Page - Cirrus Logic WM8232 Datasheet HTML 68Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 141 page
background image
WM8232
64
Rev 4.6
REG
NAME
7
6
5
4
3
2
1
0
DEFAULT
R169 (A9h) TG config 10
EN_CLK8
EN_CLK7
EN_CLK6
EN_CLK5
EN_CLK4
EN_CLK3
EN_CLK2
EN_CLK1
00h
R170 (AAh) TG config 11
0
0
0
0
0
EN_CLK11
EN_CLK10
EN_CLK9
00h
R171 (ABh) TG config 12
SEL_CLK3
SEL_PCK3[2:0]
SEL_CLK2
SEL_PCK2[2:0]
00h
R172 (ACh) TG config 13
SEL_CLK5
SEL_PCK5[2:0]
SEL_CLK4
SEL_PCK4[2:0]
00h
R173 (ADh) TG config 14
0
SEL_PCK7[2:0]
SEL_CLK6
SEL_PCK6[2:0]
00h
R174 (AEh) TG config 15
0
SEL_PCK9[2:0]
0
SEL_PCK8[2:0]
00h
R175 (AFh) TG config 16
0
SEL_PCK11[2:0]
0
SEL_PCK10[2:0]
00h
R176 (B0h) TG config 17
DEL_PCK5[1:0]
DEL_PCK4[1:0]
DEL_PCK3[1:0]
DEL_PCK2[1:0]
00h
R177 (B1h) TG config 18
DEL_PCK9[1:0]
DEL_PCK8[1:0]
DEL_PCK7[1:0]
DEL_PCK6[1:0]
00h
R178 (B2h) TG config 19
0
0
0
0
DEL_PCK11[1:0]
DEL_PCK10[1:0]
00h
R179 (B3h) TG config 20
0
0
0
INV_M3
INV_M2
INV_M1
INV_T2
INV_T1
00h
R180 (B4h) TG config 21
0
0
0
0
SEL_FLAG[3:0]
00h
R181 (B5h) TG config 22
0
CYCPAT_PO1[2:0]
0
CYCPAT_PO0[2:0]
00h
R182 (B6h) TG config 23
0
CYCPAT_PO3[2:0]
0
CYCPAT_PO2[2:0]
00h
R183 (B7h) TG config 24
0
CYCPAT_PO5[2:0]
0
CYCPAT_PO4[2:0]
00h
R184 (B8h) TG config 25
0
CYCPAT_PO7[2:0]
0
CYCPAT_PO6[2:0]
00h
R185 (B9h) clamp enable rise LSB
CLAMP_RISE[7:0]
00h
R186 (BAh) clamp enable rise MSB
0
CLAMP_RISE[14:8]
00h
R187 (BBh) clamp enable fall LSB
CLAMP_FALL[7:0]
00h
R188 (BCh) clamp enable fall MSB
0
CLAMP_FALL[14:8]
00h
R189 (BDh) OB start LSB
OB_START[7:0]
00h
R190 (BEh) OB start MSB
0
OB_START[14:8]
00h
R191 (BFh) peak_det rise LSB
PEAKDET_RISE[7:0]
00h
R192 (C0h) peak_det rise MSB
0
PEAKDET_RISE[14:8]
00h
R193 (C1h) peak_det fall LSB
PEAKDET_FALL[7:0]
00h
R194 (C2h) peak_det fall MSB
0
PEAKDET_FALL[14:8]
00h
R195 (C3h) Mask pulse 1 rise LSB
M1_RISE[7:0]
00h
R196 (C4h) Mask pulse 1 rise MSB
0
M1_RISE[14:8]
00h
R197 (C5h) Mask pulse 1 fall LSB
M1_FALL[7:0]
00h
R198 (C6h) Mask pulse 1 fall MSB
0
M1_FALL[14:8]
00h
R199 (C7h) Mask pulse 2 rise LSB
M2_RISE[7:0]
00h
R200 (C8h) Mask pulse 2 rise MSB
0
M2_RISE[14:8]
00h
R201 (C9h) Mask pulse 2 fall LSB
M2_FALL[7:0]
00h
R202 (CAh) Mask pulse 2 fall MSB
0
M2_FALL[14:8]
00h
R203 (CBh) Mask pulse 3 rise LSB
M3_RISE[7:0]
00h
R204 (CCh) Mask pulse 3 rise MSB
0
M3_RISE[14:8]
00h
R205 (CDh) Mask pulse 3 fall LSB
M3_FALL[7:0]
00h
R206 (CEh) Mask pulse 3 fall MSB
0
M3_FALL[14:8]
00h
R207 (CFh) Toggle point 0 LSB
TP0[7:0]
00h
R208 (D0h) Toggle point 0 MSB
GEN_TP0
TP0[14:8]
00h
R209 (D1h) Toggle point 1 LSB
TP1[7:0]
00h
R210 (D2h) Toggle point 1 MSB
EN_TP1
TP1[14:8]
00h
R211 (D3h) Toggle point 2 LSB
TP2[7:0]
00h
R212 (D4h) Toggle point 2 MSB
EN_TP2
TP2[14:8]
00h
R213 (D5h) Toggle point 3 LSB
TP3[7:0]
00h
R214 (D6h) Toggle point 3 MSB
EN_TP3
TP3[14:8]
00h
R215 (D7h) Toggle point 4 LSB
TP4[7:0]
00h
R216 (D8h) Toggle point 4 MSB
EN_TP4
TP4[14:8]
00h
R217 (D9h) Toggle point 5 LSB
TP5[7:0]
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com