Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8232 Datasheet(PDF) 18 Page - Cirrus Logic

Part # WM8232
Description  105MSPS 3-Channel AFE with Sensor
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8232 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button WM8232 Datasheet HTML 14Page - Cirrus Logic WM8232 Datasheet HTML 15Page - Cirrus Logic WM8232 Datasheet HTML 16Page - Cirrus Logic WM8232 Datasheet HTML 17Page - Cirrus Logic WM8232 Datasheet HTML 18Page - Cirrus Logic WM8232 Datasheet HTML 19Page - Cirrus Logic WM8232 Datasheet HTML 20Page - Cirrus Logic WM8232 Datasheet HTML 21Page - Cirrus Logic WM8232 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 141 page
background image
WM8232
18
Rev 4.6
CONTROL
INTERFACE
CIN
IN*
VRLC/
VBIAS
VRLCEN
5-BIT
RLCDAC
VRLC_VSEL[4:0]
RLC switch
VSMP
'Video'
sample
capacitor
'Reference'
sample
capacitor
VSMP
CLAMP
CLAMP
VSMP (if CDS=0)
RSMP (if CDS=1)
RSMP (if CDS=1)
VSMP (if CDS=0)
Figure 10 RLC Clamp Control Options
In CDS operation, when an input waveform has a stable reference level on every pixel, it may be
desirable to clamp every pixel during this period. Setting CLAMP=high means that the RLC switch is
closed whenever the RSMP is high, as shown in Figure 11.
In non-CDS operation, setting CLAMP=high means that the RLC switch is closed whenever the VSMP
is high, as shown in Figure 12.
VSMP
RSMP
RLC switch control
"CLAMP"
RLC switch closed
when RSMP=1
Video sample taken on
fallling edge of VSMP
Reset/reference sample taken
on fallling edge of RSMP
INPUT VIDEO
SIGNAL
reference
("black") level
video level
CLAMP
Pixel counter
Figure 11 Reset Level Clamp Operation, CDS Operation Shown
VSMP
RLC switch control
"CLAMP"
RLC switch closed
when VSMP=1
Video sample taken on
fallling edge of VSMP
INPUT VIDEO
SIGNAL
CLAMP
Pixel counter
video level
Figure 12 Line Clamp Operation, non-CDS operation shown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com