Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8232 Datasheet(PDF) 57 Page - Cirrus Logic

Part # WM8232
Description  105MSPS 3-Channel AFE with Sensor
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8232 Datasheet(HTML) 57 Page - Cirrus Logic

Back Button WM8232 Datasheet HTML 53Page - Cirrus Logic WM8232 Datasheet HTML 54Page - Cirrus Logic WM8232 Datasheet HTML 55Page - Cirrus Logic WM8232 Datasheet HTML 56Page - Cirrus Logic WM8232 Datasheet HTML 57Page - Cirrus Logic WM8232 Datasheet HTML 58Page - Cirrus Logic WM8232 Datasheet HTML 59Page - Cirrus Logic WM8232 Datasheet HTML 60Page - Cirrus Logic WM8232 Datasheet HTML 61Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 141 page
background image
WM8232
Rev 4.6
57
TG CLOCK CONFIGURATION
Figure 48 shows the procedure for TG Clock Timing and Mask Configuration. CLK1~CLK6 can be
configured as clock type output. See
“Sensor Timing Generation” section for details of TG function.
TG enabled: This must be enabled when TG mask function is used.
Mask period configuration: TG clock will be masked while mask signal is high.
The rising and
falling timing is configured by M*_RISE/FALL register. See
“TG Mask Timing” section for details of this
function
Toggle point configuration: Pulse toggle timing is configured by toggle point setting (TP0~TP31).
TP* register consists of toggle point setting bit (TP value bit) and enable bit. The enable bit must be
set when TP is used. Unused TP can be disabled, but it must be followed Note-2 as described below.
T1 and T2 polarity configuration: T1 and T2 are internal signal to set the TG signal polarity during
mask period. See
“TG Mask Timing” section for details of this function.
TG Clock configuration
CLK1~6 rise/fall timing
configuration
0x87~0x92
CLK*_RISE/FALL
Using TG Mask
function
No
Line length
configuration
TG
enabled
0xA1,0xA2 LLENGTH
0xA0[0] TG_EN
TG mode
selection
Master mode
0xA0[1] TGMD=1
Slave mode
0xA0[1] TGMD=0
TG enabled (*1)
Yes
Toggle point
Configuration (*2)
0xCF~0x10E TP0~TP31
T1 and T2 polarity
configuration
0x10F~0x116 POL*_T*
Mask configuration
Mask period
configuration
0xC3~0xCE
M*_RISE/FALL
Using T1,T2
function
No
Yes
Toggle setting for
M1 and M2 period
CLK pin
enabled
0xA5~0xA6 OE_CK*=1
TG signal output
enabled
0xA9~0xAA EN_CK*=1
TG output enabled
Figure 48 TG Clock Configuration
Notes:
1.
This must be set when the TG-MASK function is used.
2.
When configure Toggle point (TP), it must be used from TP0 in ascending order. Also, TP pixel
counter value must be set as TP0<TP1<TP2 …..



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com