Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8232 Datasheet(PDF) 35 Page - Cirrus Logic

Part # WM8232
Description  105MSPS 3-Channel AFE with Sensor
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8232 Datasheet(HTML) 35 Page - Cirrus Logic

Back Button WM8232 Datasheet HTML 31Page - Cirrus Logic WM8232 Datasheet HTML 32Page - Cirrus Logic WM8232 Datasheet HTML 33Page - Cirrus Logic WM8232 Datasheet HTML 34Page - Cirrus Logic WM8232 Datasheet HTML 35Page - Cirrus Logic WM8232 Datasheet HTML 36Page - Cirrus Logic WM8232 Datasheet HTML 37Page - Cirrus Logic WM8232 Datasheet HTML 38Page - Cirrus Logic WM8232 Datasheet HTML 39Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 141 page
background image
WM8232
Rev 4.6
35
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R176 (B0h)
– R177 (B1h)
5:0
DEL_PCK*[1:0]
00
control delay for pulse output
00 = 0nsec, 01 = 1nsec, 10 = 2nsec, 11 = 3nsec
R135 (81h)
– R146 (92h)
5:0
CLK*_RISE[5:0]
CLK* rise edge (0 to 59)
5:0
CLK*_FALL[5:0]
CLK* fall edge (0 to 59)
TG MASTER MODE OPERATION
In master mode, line length is defined by LLENGTH register.
master
L=LLENGTH[14:0]
Datatrig(Internal)
Datatrig
(LVDS/CMOS output)
TGCK
TGEN(Serial I/F)
Pixel counter
TGSYNC(Output)
tTRIGD
pixcnt=0
pixcnt=0
pixcnt=0
POn(Internal)
CLKn(TG pulse out)
FLAGPIX=P1
TPn=P1
TPm=P2
tPCKD
PO_ Flag
(LVDS/CMOS out)
tTRIGD
VSMP
TGCK
2*tPER/60
VSMP
Figure 22 Master Mode Pixel Counter and Line Start Timing
TG SLAVE MODE OPERATION
In slave mode, line length depends on TGSYNC input. The pixel counter is reset by TGSYNC input.
slave
TGSYNC(Input)
32767
0
tTRIGD
TGCK
TGEN(Serial I/F)
Linestart(Internal)
Pixel counter
tCOUNTD
pixcnt=0
pixcnt=0
pixcnt=0
Q=OFFSET[3:0]
FLAGPIX=P1
tSCKSY
TGCK
TGSYNC
tSYH
Flag(Internal)
Flag
(LVDS/CMOS out)
TPn=P1
POn(Internal)
TPm=P2
CLKn(TG pulse out)
tPCKD
PO_Flag
(LVDS/CMOS out)
tTRIGD
VSMP
2*tPER/60
VSMP
tSYH
tSYL
Figure 23 Slave Mode Pixel Counter and Line Start Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com