Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8232 Datasheet(PDF) 56 Page - Cirrus Logic

Part # WM8232
Description  105MSPS 3-Channel AFE with Sensor
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8232 Datasheet(HTML) 56 Page - Cirrus Logic

Back Button WM8232 Datasheet HTML 52Page - Cirrus Logic WM8232 Datasheet HTML 53Page - Cirrus Logic WM8232 Datasheet HTML 54Page - Cirrus Logic WM8232 Datasheet HTML 55Page - Cirrus Logic WM8232 Datasheet HTML 56Page - Cirrus Logic WM8232 Datasheet HTML 57Page - Cirrus Logic WM8232 Datasheet HTML 58Page - Cirrus Logic WM8232 Datasheet HTML 59Page - Cirrus Logic WM8232 Datasheet HTML 60Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 141 page
background image
WM8232
56
Rev 4.6
AGC CONFIGURATION
Figure 47 shows the procedure for AGC Configuration.
TG enabled: This must be enabled when AGC function is used.
AGC averaging factor configuration: This is averaging factor for peak level detection.
AGC APD/DPD configuration: This is line iteration setting for peak level detection.
AGC target level configuration: The output code will be calibrated to this target level after APGA
and DPGA calibration. APGA and DPGA keep calibrated gain value while AGC is enabled.
(AGC_EN=1)
Peak detection period configuration: This is the setting for peak detection period.
AGC configuration
AGC averaging factor
configuration
0x57[7:4] AGCAVE
AGC APD
configuration
0x58[2:0] AGC_APD
AGC target level
configuration
0x5D,5E,63,64,69,6A
AGC_TARGETIN*
AGC DPD
configuration
0x58[6:4] AGC_DPD
AGC enabled (*2)
0x57[0] AGC_EN=1
Start AGC operation
TGSYNC
Peak detection period
configuration
0xBF,0xC0 PEAKDET_RISE
0xC1,0xC2 PEAKDET_FALL
Line length
configuration
TG
enabled
0xA1,0xA2 LLENGTH
0xA0[0] TG_EN
TG mode
selection
Master mode
0xA0[1] TGMD=1
Slave mode
0xA0[1] TGMD=0
TG enabled (*1)
Figure 47 AGC configuration
Notes:
1. This must be set when AGC is used.
2. With this register set, AGC sequence will be started after TGSYNC is recognized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com