Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8232 Datasheet(PDF) 107 Page - Cirrus Logic

Part # WM8232
Description  105MSPS 3-Channel AFE with Sensor
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8232 Datasheet(HTML) 107 Page - Cirrus Logic

Back Button WM8232 Datasheet HTML 103Page - Cirrus Logic WM8232 Datasheet HTML 104Page - Cirrus Logic WM8232 Datasheet HTML 105Page - Cirrus Logic WM8232 Datasheet HTML 106Page - Cirrus Logic WM8232 Datasheet HTML 107Page - Cirrus Logic WM8232 Datasheet HTML 108Page - Cirrus Logic WM8232 Datasheet HTML 109Page - Cirrus Logic WM8232 Datasheet HTML 110Page - Cirrus Logic WM8232 Datasheet HTML 111Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 141 page
background image
WM8232
Rev 4.6
107
Register E9h Toggle point 13 LSB
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R234 (EAh)
Toggle point
13 MSB
7
EN_TP13
0
enable toggle point "TP13"
0 = disable "TP13" and all subsequent toggle point
1 = enable toggle point "TP13"
6:0
TP13[14:8]
000_0000
pixel count of toggle point "TP13"
Register EAh Toggle point 13 MSB
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R235 (EBh)
Toggle point
14 LSB
7:0
TP14[7:0]
0000_0000
pixel count of toggle point "TP14"
Register EBh Toggle point 14 LSB
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R236 (ECh)
Toggle point
14 MSB
7
EN_TP14
0
enable toggle point "TP14"
0 = disable "TP14" and all subsequent toggle point
1 = enable toggle point "TP14"
6:0
TP14[14:8]
000_0000
pixel count of toggle point "TP14"
Register ECh Toggle point 14 MSB
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R237 (EDh)
Toggle point
15 LSB
7:0
TP15[7:0]
0000_0000
pixel count of toggle point "TP15"
Register EDh Toggle point 15 LSB
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R238 (EEh)
Toggle point
15 MSB
7
EN_TP15
0
enable toggle point "TP15"
0 = disable "TP15" and all subsequent toggle point
1 = enable toggle point "TP15"
6:0
TP15[14:8]
000_0000
pixel count of toggle point "TP15"
Register EEh Toggle point 15 MSB
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R239 (EFh)
Toggle point
16 LSB
7:0
TP16[7:0]
0000_0000
pixel count of toggle point "TP16"
Register EFh Toggle point 16 LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com