Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8232 Datasheet(PDF) 112 Page - Cirrus Logic

Part # WM8232
Description  105MSPS 3-Channel AFE with Sensor
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8232 Datasheet(HTML) 112 Page - Cirrus Logic

Back Button WM8232 Datasheet HTML 108Page - Cirrus Logic WM8232 Datasheet HTML 109Page - Cirrus Logic WM8232 Datasheet HTML 110Page - Cirrus Logic WM8232 Datasheet HTML 111Page - Cirrus Logic WM8232 Datasheet HTML 112Page - Cirrus Logic WM8232 Datasheet HTML 113Page - Cirrus Logic WM8232 Datasheet HTML 114Page - Cirrus Logic WM8232 Datasheet HTML 115Page - Cirrus Logic WM8232 Datasheet HTML 116Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 141 page
background image
WM8232
112
Rev 4.6
Register 0108h Toggle point 28 MSB
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R265 (0109h)
Toggle point
29 LSB
7:0
TP29[7:0]
0000_0000
pixel count of toggle point "TP29"
Register 0109h Toggle point 29 LSB
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R266
(010Ah)
Toggle point
29 MSB
7
EN_TP29
0
enable toggle point "TP29"
0 = disable "TP29" and all subsequent toggle point
1 = enable toggle point "TP29"
6:0
TP29[14:8]
000_0000
pixel count of toggle point "TP29"
Register 010Ah Toggle point 29 MSB
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R267
(010Bh)
Toggle point
30 LSB
7:0
TP30[7:0]
0000_0000
pixel count of toggle point "TP30"
Register 010Bh Toggle point 30 LSB
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R268
(010Ch)
Toggle point
30 MSB
7
EN_TP30
0
enable toggle point "TP30"
0 = disable "TP30" and all subsequent toggle point
1 = enable toggle point "TP30"
6:0
TP30[14:8]
000_0000
pixel count of toggle point "TP30"
Register 010Ch Toggle point 30 MSB
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R269
(010Dh)
Toggle point
31 LSB
7:0
TP31[7:0]
0000_0000
pixel count of toggle point "TP31"
Register 010Dh Toggle point 31 LSB
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R270
(010Eh)
Toggle point
31 MSB
7
EN_TP31
0
enable toggle point "TP31"
0 = disable "TP31"
1 = enable toggle point "TP31"
6:0
TP31[14:8]
000_0000
pixel count of toggle point "TP31"
Register 010Eh Toggle point 31 MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com