Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1014ACCZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADMV1014ACCZ-R7
Description  24 GHz to 44 GHz, Wideband, Microwave Downconverter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1014ACCZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADMV1014ACCZ-R7 Datasheet HTML 20Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 21Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 22Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 23Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 24Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 25Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 26Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 27Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
ADMV1014
Data Sheet
Rev. A | Page 24 of 42
OUTPUT DETECTOR PERFORMANCE
RF amplitude = −30 dBm, measurements performed with a 0 mV dc bias. VCC_MIXER = VCC_QUAD = VCC_BG = VCC_LNA =
VCC_VGA = VCC_IF_BB = 3.3 V, DVDD = VCC_VVA = 1.8 V, Register 0x0B is set to 0x727C, Register 0x03, Bit 6 = 0, Register 0x03,
Bits[13:12] set to 11, and TA = 25°C, unless otherwise noted.
3.5
0
0.5
1.0
1.5
2.5
2.0
3.0
–40
–35
–25
–30
–20
–15
–10
RF INPUT POWER (dBm)
+85°C = 64
+85°C = 8
+85°C = 0
+25°C = 64
+25°C = 8
+25°C = 0
–40°C = 64
–40°C = 8
–40°C = 0
Figure 87. VDET vs. RF Input Power, fRF = 28 GHz for Various Temperatures
and DET_PROG Settings
3.5
0
0.5
1.0
1.5
2.5
2.0
3.0
–40
–35
–25
–30
–20
–15
–10
RF INPUT POWER (dBm)
+85°C = 64
+85°C = 8
+85°C = 0
+25°C = 64
+25°C = 8
+25°C = 0
–40°C = 64
–40°C = 8
–40°C = 0
Figure 88. VDET vs. RF Input Power, fRF = 39 GHz for Various Temperatures
and DET_PROG Settings
23
25
27
29
31
33
35
37
39
41
43
45
3.0
0.5
1.0
1.5
2.0
2.5
RF INPUT FREQUENCY (GHz)
–22
–27
–32
Figure 89. VDET vs. RF Input Frequency at Various Input Power Levels,
DET_PROG = 8
5
–5
–4
–3
–2
2
0
4
1
–1
3
–40
–35
–25
–30
–20
–15
–10
RF INPUT POWER (dBm)
+85°C = 64
+85°C = 8
+85°C = 0
+25°C = 64
+25°C = 8
+25°C = 0
–40°C = 64
–40°C = 8
–40°C = 0
Figure 90. VDET Linearity Error vs. RF Input Power, fRF = 28 GHz for Various
Temperatures and DET_PROG Settings
5
–5
–4
–3
–2
2
0
4
1
–1
3
–40
–35
–25
–30
–20
–15
–10
RF INPUT POWER (dBm)
+85°C = 64
+85°C = 8
+85°C = 0
+25°C = 64
+25°C = 8
+25°C = 0
–40°C = 64
–40°C = 8
–40°C = 0
Figure 91. VDET Linearity Error vs. RF Input Power, fRF = 39 GHz for Various
Temperatures and DET_PROG Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com