Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1014ACCZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADMV1014ACCZ-R7
Description  24 GHz to 44 GHz, Wideband, Microwave Downconverter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1014ACCZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADMV1014ACCZ-R7 Datasheet HTML 2Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 3Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 4Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 5Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 6Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 9Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
ADMV1014
Data Sheet
Rev. A | Page 6 of 42
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Supply Voltage
VCC_IF_BB, VCC_VGA, VCC_LNA_3P3,
VCC_MIXER, VCC_BG, VCC_QUAD, DVDD
4.3 V
VCC_VVA, VCC_LNA_1P5
2.3 V
RF Input Power
0 dBm
LO Input Power
9 dBm
Maximum Junction Temperature
125°C
Maximum Power Dissipation1
2.17 W
Lifetime at Maximum Junction Temperature (TJ)
1 ×106 hours
Operating Case Temperature Range
−40°C to +85°C
Storage Temperature Range
−55°C to +125°C
Lead Temperature (Soldering 60 sec)
260°C
Moisture Sensitivity Level (MSL) Rating2
MSL3
Electrostatic Discharge (ESD) Sensitivity
Human Body Model (HBM)
3000 V
Field Induced Charged Device Model
(FICDM)
750 V
1 The maximum power dissipation is a theoretical number calculated by
(TJ − 85°C)/θJC_TOP.
2 Based on IPC/JEDEC J-STD-20 MSL classifications.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required.
θJA is the natural convection junction to ambient thermal
resistance measured in a one cubic foot sealed enclosure. θJC is
the junction to case thermal resistance.
Only use θJA and θJC to compare the thermal performance of
different packages when all test conditions listed are similar to
JEDEC specifications. Otherwise, use
ѰJTandѰJBtocalculate
the device junction temperature using the following equations:
TJ = (P × ѰJT) + TTOP
(1)
where:
TTOP is package top temperature (°C). TTOP is measured at the
top center of the package.
ѰJT is the junction to top thermal characterization number.
P is the total power dissipation in the chip (W).
TJ = (P × ѰJB) + TBOARD
(2)
where:
TBOARD is the board temperature measured on the midpoint of
the longest side of the package no more than 1 mm from the
edge of the package body (°C).
ѰJB is the junction to board thermal characterization number.
P is the total power dissipation in the chip (W).
As stated in JEDEC51-12, only use Equation 1 and Equation 2
when no heat sink or heat spreader is present. When a heat sink
or heat spreader is added, use θJC_TOP to estimate or calculate the
junction temperature.
Table 4. Thermal Resistance
Package
Type1
θJA2
θJC_TOP3
θJB4
ΨJT5
ΨJB6
Unit
CC-32-6
33.6
18.4
13.3
4.9
12.6
°C/W
1 The thermal resistance values specified in Table 4 are simulated based on
JEDEC specifications, unless specified otherwise, and must be used in
compliance with JESD51-12.
2 θJA is the junction to ambient thermal resistance in a natural convection,
JEDEC environment.
3 θJC_TOP is the junction to case (top) JEDEC thermal resistance.
4 θJB is the junction to board JEDEC thermal resistance.
5 ΨJT is the junction to top JEDEC thermal characterization parameter.
6 ΨJB is the junction to board JEDEC thermal characterization parameter
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com