Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1014ACCZ-R7 Datasheet(PDF) 29 Page - Analog Devices

Part # ADMV1014ACCZ-R7
Description  24 GHz to 44 GHz, Wideband, Microwave Downconverter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1014ACCZ-R7 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADMV1014ACCZ-R7 Datasheet HTML 25Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 26Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 27Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 28Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 29Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 30Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 31Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 32Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
Data Sheet
ADMV1014
Rev. A | Page 29 of 42
IMAGE REJECTION DOWNCONVERSION
The ADMV1014 features the ability to downconvert to a real IF
output anywhere from 800 MHz to 6000 MHz, while suppressing
the unwanted image sideband by typically better than 30 dBc.
The IF outputs are quadrature to each other, 50 Ω single-ended,
and are internally ac coupled. IF_I and IF_Q are the quadrature IF
outputs. An external 90° hybrid is required to select the appropriate
sideband.
To configure the ADMV1014 in IF mode, set BB_AMP_PD
(Register 0x03, Bit 8) to 1 and set IF_AMP_PD (Register 0x03,
Bit 11) to 0
Each IF output features an amplifier with a digital attenuator.
The digital attenuator can be adjusted using fine or coarse steps.
The coarse steps for the IF_I can be adjusted using the IF_AMP_
COARSE_GAIN_I bit field (Register 0x08, Bits[11:8]). The coarse
steps for the IF_Q can be adjusted using the IF_AMP_COARSE_
GAIN_Q bit field (Register 0x09, Bits[15:12]). Each course gain
bit field has five settings. The fine steps for IF_I can be adjusted
using the IF_AMP_FINE_GAIN_I bit field (Register 0x08,
Bits[3:0]). The fine steps for the IF_Q can be adjusted using the
IF_AMP_FINE_GAIN_Q bit field (Register 0x08, Bits[7:4]).
Figure 77 to Figure 82 show the performance of these four bit
fields.
DETECTOR
The ADMV1014 features a square law detector that produces a
voltage linearly, according to the square of the RF voltage
output from the low noise amplifier. The detector can be
enabled by setting the DET_EN bit (Register 0x03, Bit 6) to 0. The
detector can be turned off by setting this bit to 1. The detector
linear range can be adjusted by setting the DET_PROG bit field
(Register 0x07, Bits[6:0]). These ranges are specified based on
the input power into the detector coming from the output of the
low noise amplifier. Each DET_PROG setting offers an
approximate 20 dB of ±1 dB dynamic range based on a two-
point linear regression from an ideal line for one temperature at
each DET_PROG setting. See Figure 89 to Figure 91 for more
performance information of the detector.
LO INPUT PATH
The LO input path operates from 5.4 GHz to 10.25 GHz with an
LO amplitude range of −6 dBm to +6 dBm. The LO has an
internal quadrupler (×4) and a programmable band-pass filter.
The LO band-pass filter is programmable using QUAD_FILTERS
(Register 0x04 Bits[3:0]). See the Performance at Different
Quad Filter Settings section for more information on the
QUAD_FILTERS settings.
The LO path can operate either differentially or single-ended
(SE). LOIP and LOIN are the inputs to the LO path. The LO
path can switch from differential to single-ended operation by
setting the QUAD_SE_MODE bits (Register 0x04, Bits[9:6]).
See the Performance Between Differential vs. Single-Ended LO
Input section for more information.
Figure 102 shows a block diagram of the LO path.
AMP
4 × LO_N
4 × LO_P
LO_N
LO_P
×4
Figure 102. LO Path Block Diagram
Enable the quadrupler by setting the QUAD_IBIAS_PD bit
(Register 0x03, Bit 7) to 0 and the QUAD_BG_PD bit
(Register 0x03, Bit 9) to 0. To power down the quadrupler, set
both of these bits to 1.
An unwanted image can be downconverted from the
quadrature error in generating the quadrature LO signals.
Deviation from ideal quadrature (that is, total image rejection
and no image tone is downconverted) on these signals limits the
amount of achievable image rejection.
The ADMV1014 offers about 25° of quadrature phase
adjustment in the LO path quadrature signals. Make these
adjustments through the LOAMP_PH_ADJ_I_FINE bits
(Register 0x05, Bits[15:9]) and the LOAMP_PH_ADJ_Q_FINE
(Register 0x05, Bits[8:2]) bits. These bits reject the unwanted
sideband signal. In IF mode amplitude adjustments can be made
to the complex outputs via IF_AMP_FINE_GAIN_Q
(Register 0x08, Bits[7:4]) and IF_AMP_FINE_GAIN_I
(Register 0x08, Bits[3:0]) to further reduce the unwanted
sideband.
POWER-DOWN
The SPI of the ADMV1014 allows the user to power down
device circuits and reduce power consumption. There are two
power-down modes: band gap power-down mode (BG_PD)
and individual power-down circuits mode. The BG_PD bit
(Register 0x03, Bit 5) and the QUAD_BG_PD bit (Register 0x03,
Bit 9) power down the band gap circuit. The QUAD_IBIAS_PD
bit (Register 0x03, Bit 7) and the IBIAS_PD bit (Register 0x03,
Bit 14) power down the specific circuits.
Table 7 shows the circuits that are controlled by their related
power-down bit, the typical power savings, and the latency
requirement to power the circuits back up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com