Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1014ACCZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADMV1014ACCZ-R7
Description  24 GHz to 44 GHz, Wideband, Microwave Downconverter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1014ACCZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADMV1014ACCZ-R7 Datasheet HTML 15Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 16Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 17Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 18Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 19Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 20Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 21Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 22Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
Data Sheet
ADMV1014
Rev. A | Page 19 of 42
12
0
2
4
6
8
10
23
25
27
29
31
33
35
37
39
41
43
45
RF FREQUENCY (GHz)
+85°C UPPER SIDEBAND
+25°C UPPER SIDEBAND
–40°C UPPER SIDEBAND
+85°C LOWER SIDEBAND
+25°C LOWER SIDEBAND
–40°C LOWER SIDEBAND
Figure 59. Noise Figure vs. RF Frequency at Maximum Gain for Various
Temperatures, fIF = 3.5 GHz (Upper Sideband and Lower Sideband)
12
0
2
4
6
8
10
23
25
27
29
31
33
35
37
39
41
43
45
RF FREQUENCY (GHz)
3.5V UPPER SIDEBAND
3.3V UPPER SIDEBAND
3.1V UPPER SIDEBAND
3.5V LOWER SIDEBAND
3.3V LOWER SIDEBAND
3.1V LOWER SIDEBAND
Figure 60. Noise Figure vs. RF Frequency at Maximum Gain for Various
Supply Voltages, fIF = 3.5 GHz (Upper Sideband and Lower Sideband)
12
0
2
4
6
8
10
23
25
27
29
31
33
35
37
39
41
43
45
RF FREQUENCY (GHz)
+6dBm UPPER SIDEBAND
0dBm UPPER SIDEBAND
–6dBm UPPER SIDEBAND
+6dBm LOWER SIDEBAND
0dBm LOWER SIDEBAND
–6dBm LOWER SIDEBAND
Figure 61. Noise Figure vs. RF Frequency at Maximum Gain for Various LO
Inputs, fIF = 3.5 GHz (Upper Sideband and Lower Sideband)
39GHz UPPER SIDEBAND
28GHz UPPER SIDEBAND
39GHz LOWER SIDEBAND
28GHz LOWER SIDEBAND
0.5 1.0
2.0
3.0
1.5
2.5
3.5 4.0 4.5 5.0 5.5
6.5
6.0
7.0
IF FREQUENCY (GHz)
9
0
2
4
6
8
1
3
5
7
Figure 62. Noise Figure vs. IF Frequency at Maximum Gain, fRF = 28 GHz and
39 GHz (Upper Sideband and Lower Sideband)
22
0
4
8
12
16
20
2
6
10
14
18
+85°C AT 28GHz
+25°C AT 28GHz
–40°C AT 28GHz
+85°C AT 39GHz
+25°C AT 39GHz
–40°C AT 39GHz
0
0.20.40.6
0.81.01.21.41.61.8
VATT (V)
Figure 63. Noise Figure vs. VATT at Various Temperatures, fIF = 3.5 GHz,
fRF = 28 GHz and 39 GHz (Upper Sideband)
22
0
4
8
12
16
20
2
6
10
14
18
+85°C AT 28GHz
+25°C AT 28GHz
–40°C AT 28GHz
+85°C AT 39GHz
+25°C AT 39GHz
–40°C AT 39GHz
0
0.20.40.6
0.81.01.21.41.61.8
VATT (V)
Figure 64. Noise Figure vs. VATT at Various Temperatures, fIF = 3.5 GHz,
fRF = 28 GHz and 39 GHz (Lower Sideband)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com