Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1014ACCZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADMV1014ACCZ-R7
Description  24 GHz to 44 GHz, Wideband, Microwave Downconverter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1014ACCZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADMV1014ACCZ-R7 Datasheet HTML 1Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 2Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 3Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 4Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 5Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 6Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
ADMV1014
Data Sheet
Rev. A | Page 4 of 42
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Input P1dB
At maximum gain
24 GHz to 42 GHz
−14
−9
dBm
42 GHz to 44 GHz
−15
−10
dBm
Amplitude Balance
−0.5
dB
Phase Balance
800 MHz < IF frequency (fIF) < 2 GHz
0.5
Degrees
2 GHz < fIF < 4 GHz
1
Degrees
4 GHz < fIF < 6 GHz
2.5
Degrees
Image Rejection
Uncalibrated
30
dBc
Calibrated
35
dBc
RECEIVER (Rx) POWER DETECTOR PERFORMANCE
Input Level
±1 dB dynamic range
Minimum
−35
dBm
Maximum
−14
dBm
±1 dB Dynamic Range
20
dB
Output Voltage
Maximum DC Output
3.3
V
RETURN LOSS
RF Input
50 Ω single-ended
−13
dB
LO Input
100 Ω differential
−10
dB
IF Output
50 Ω single-ended
−12
dB
BB Output
100 Ω differential
−15
dB
BB I/Q Output Impedance
100
Ω
LEAKAGE
At maximum gain
Fundamental LO to RF
−70
dBm
4 × LO to RF
−70
dBm
Fundamental LO to IF
−60
dBm
Fundamental LO to I/Q
−60
dBm
LOGIC INPUTS
Input Voltage Range
High, VINH
DVDD − 0.4
1.8
V
Low, VINL
0
0.4
V
Input Current, IINH/IINL
100
μA
Input Capacitance, CIN
3
pF
LOGIC OUTPUTS
Output Voltage Range
High, VOH
DVDD − 0.4
1.8
V
Low, VOL
0
0.4
V
Output High Current, IOH
500
μA
POWER INTERFACE
VCC_IF_BB, VCC_VGA, VCC_LNA_3P3, VCC_MIXER,
VCC_BG, VCC_QUAD
3.15
3.3
3.45
V
3.3 V Supply Current
437
mA
DVDD, VCC_VVA
1.7
1.8
1.9
V
1.8 V Supply Current
4.2
mA
VCC_LNA_1P5
1.43
1.5
1.57
V
1.5 V Supply Current
33
mA
Total Power Consumption
1.5
W
Power-Down
96
125
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com