Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1014ACCZ-R7 Datasheet(PDF) 33 Page - Analog Devices

Part # ADMV1014ACCZ-R7
Description  24 GHz to 44 GHz, Wideband, Microwave Downconverter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1014ACCZ-R7 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADMV1014ACCZ-R7 Datasheet HTML 29Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 30Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 31Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 32Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 33Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 34Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 35Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 36Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
Data Sheet
ADMV1014
Rev. A | Page 33 of 42
45
67
89
10
11
12
LO FREQUENCY (GHz)
IF I: QUAD_FILTERS = 0
IF I: QUAD_FILTERS = 5
IF I: QUAD_FILTERS = 10
IF I: QUAD_FILTERS = 15
IF Q: QUAD_FILTERS = 0
IF Q: QUAD_FILTERS = 5
IF Q: QUAD_FILTERS = 10
IF Q: QUAD_FILTERS = 15
–40
–80
–75
–65
–55
–45
–70
–60
–50
Figure 113. LO To IF Leakage vs. RF Frequency for Four Different
QUAD_FILTERS Settings, fIF = 3.5 GHz (Upper Sideband)
VVA TEMPERATURE COMPENSATION
Figure 114 shows the conversion gain vs. RF frequency at two
different Register 0x0B settings and three different temperatures
for IF mode. The recommended value suggested in the Start-Up
Sequence section provides the highest conversion gain. If the
priority is to decrease the conversion gain variation across
temperature, Register 0x0B can be set to 0x726C. However, at
this value, the conversion gain is lower at each temperature.
23
25
27
29
31
33
35
37
39
41
43
45
RF FREQUENCY (GHz)
+85°C AT REG 0x0B = 0x727C
+25°C AT REG 0x0B = 0x727C
–40°C AT REG 0x0B = 0x727C
+85°C AT REG 0x0B = 0x726C
+25°C AT REG 0x0B = 0x726C
–40°C AT REG 0x0B = 0x726C
25
–10
–5
0
5
10
15
20
Figure 114. Conversion Gain vs. RF Frequency at Maximum Gain for Various
Register 0x0B Settings and Various Temperatures
PERFORMANCE BETWEEN DIFFERENTIAL vs.
SINGLE-ENDED LO INPUT
Figure 115 to Figure 117 show the conversion gain, input IP3
and image rejection performance for operating the ADMV1014
LO input as differential vs. SE. The measurements were
performed with 0 dBm LO input power, IF mode, with an IF
frequency of 3.5 GHz, upper sideband, and TA = 25°C.
23
25
27
29
31
33
35
37
39
41
43
45
RF FREQUENCY (GHz)
LO DIFF
LO SE P SIDE
LO SE N SIDE
25
0
5
10
15
20
Figure 115. Conversion Gain vs. RF Frequency for Three Different LO Mode
Settings, fIF = 3.5 GHz (Upper Sideband)
23
25
27
29
31
33
35
37
39
41
43
45
RF FREQUENCY (GHz)
10
–10
–8
–6
–4
–2
0
2
4
6
8
LO DIFF
LO SE P SIDE
LO SE N SIDE
Figure 116. Input IP3 vs. RF Frequency for Three Different LO Mode Settings,
RF Amplitude = −30 dBm per Tone at 20 MHz Spacing, fIF = 3.5 GHz
(Upper Sideband)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com