Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1014ACCZ-R7 Datasheet(PDF) 32 Page - Analog Devices

Part # ADMV1014ACCZ-R7
Description  24 GHz to 44 GHz, Wideband, Microwave Downconverter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1014ACCZ-R7 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADMV1014ACCZ-R7 Datasheet HTML 28Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 29Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 30Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 31Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 32Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 33Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 34Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 35Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
ADMV1014
Data Sheet
Rev. A | Page 32 of 42
BASEBAND QUADRATURE DEMODULATION TO
VERY LOW FREQUENCIES
Figure 107 to Figure 111 show the I/Q mode performance at
low baseband frequencies. The measurements were performed
at 28 GHz, −25 dBm input power, VCM = 1.15 V, Register 0x03,
Bit 11 = 1, Register 0x03, Bit 8 = 0, 6 dBm LO input power, and
TA = 25°C.
350
0
100
250
50
150
200
300
1100M
10M
1M
100k
10k
1k
100
10
BASEBAND FREQUENCY (Hz)
Q DIFFERENTIAL
I DIFFERENTIAL
Figure 107. I and Q Differential Peak-to-Peak Voltage vs. Baseband Frequency
20
0
6
14
5
7
10
18
12
8
16
1100M
10M
1M
100k
10k
1k
100
10
BASEBAND FREQUENCY (Hz)
Q GAIN
I GAIN
Figure 108. Conversion Gain vs. Baseband Frequency
5
0
2
4
1
3
BASEBAND FREQUENCY (Hz)
AMPLITUDE IMBALANCE
PHASE IMBALANCE
1
100M
10M
1M
100k
10k
1k
100
10
Figure 109. Amplitude Imbalance and Phase Imbalance vs. Baseband Frequency
BASEBAND FREQUENCY (Hz)
IMAGE REJECT
50
0
10
20
30
40
45
5
15
25
35
1
100M
10M
1M
100k
10k
1k
100
10
Figure 110. Image Rejection vs. Baseband Frequency
350
0
100
250
50
150
200
300
1
100M
10M
1M
100k
10k
1k
100
10
BASEBAND FREQUENCY (Hz)
Q DIFFERENTIAL
I DIFFERENTIAL
Figure 111. DC Offset Error vs. Baseband Frequency
PERFORMANCE AT DIFFERENT QUAD FILTER
SETTINGS
Figure 112 shows the conversion gain vs. RF frequency in IF
mode at 25°C and LO input power = 6 dBm, for different
QUAD_FILTERS settings. Figure 113 shows the LO to IF_I and
LO to IF_Q leakage vs. LO frequency at different quad filter
settings.
23
25
27
29
31
33
35
37
39
41
43
45
RF FREQUENCY (GHz)
QUAD_FILTERS = 0
QUAD_FILTERS = 5
QUAD_FILTERS = 10
QUAD_FILTERS = 15
25
–30
–25
–20
–15
–10
–5
0
5
10
15
20
Figure 112. Conversion Gain vs. RF Frequency for Four Different
QUAD_FILTERS Settings, fIF = 3.5 GHz (Upper Sideband)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com