Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1014ACCZ-R7 Datasheet(PDF) 27 Page - Analog Devices

Part # ADMV1014ACCZ-R7
Description  24 GHz to 44 GHz, Wideband, Microwave Downconverter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1014ACCZ-R7 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADMV1014ACCZ-R7 Datasheet HTML 23Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 24Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 25Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 26Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 27Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 28Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 29Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 30Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
Data Sheet
ADMV1014
Rev. A | Page 27 of 42
M × N SPURIOUS PERFORMANCE
Mixer spurious products are measured in dBc from the IF
output power level. Spurious values are measured using the
following equation:
|(M × RF)+ (N × LO)|
N/A means not applicable. Blank cells in the spurious
performance tables indicate that the frequency is above 50 GHz
and is not measured.
The LO frequencies are referred from the frequencies applied
to the LO_x pin of the ADMV1014. RF amplitude = −30 dBm,
measurements performed with a 0 mV dc bias. VCC_MIXER =
VCC_QUAD = VCC_BG = VCC_LNA = VCC_VGA = VCC_
IF_BB = 3.3 V, DVDD = VCC_VVA = 1.8 V, Register 0x0B is set
to 0x727C, Register 0x03, Bits[13:12] are set to 11, and TA =
25°C, unless otherwise noted.
Measurements in IF mode performed with Register 0x03, Bit 11 = 0
and Register 0x03, Bit 8 = 1, unless otherwise noted.
The measurements in I/Q mode are as follows: VCM = 1.15 V,
Register 0x03, Bit 11 = 1, and Register 0x03, Bit 8 = 0, unless
otherwise noted.
I/Q Mode
Measurements are made on the I_P port. Data is taken without
any hybrids or baluns.
BB frequency (fBB) =100 MHz, LO= 6.975 GHz at 0 dBm, and
fRF = 28 GHz at −30 dBm.
N × LO
0
1
2
3
4
5
6
7
8
M × RF
−2
85
87
87
82
86
103
96
59
−1
61
90
54
46
0
45
52
106
82
0
N/A
43
55
65
48
76
78
81
+1
61
91
80
82
fBB = 100 MHz, LO= 9.725 GHz at 0 dBm, and fRF = 39 GHz at
−30 dBm.
N × LO
0
1
2
3
4
5
6
7
8
M × RF
−2
85
88
87
92
87
60
−1
63
92
56
47
0
51
61
85
84
0
N/A
42
48
67
51
85
+1
42
48
IF Mode
Measurements are made on the IF_I port. Data is taken without
any 90° hybrid.
IF frequency (fIF) = 3.5 GHz, LO= 6.125 GHz at 0 dBm, and
fRF = 28 GHz at −30 dBm.
N × LO
0
1
2
3
4
5
6
7
8
M × RF
−2
81
93
85
93
93
99
96
䤁
Ĥ
−1
66
94
89
63
0
44
46
92
78
0
N/A
45
43
65
54
71
64
80
58
+1
66
84
84
81
fIF = 3.5 GHz, LO= 8.875 GHz at 0 dBm, and fRF = 39 GHz at
−30 dBm.
N × LO
0
1
2
3
4
5
6
7
8
M × RF
−2
84
92
91
93
59
−1
62
93
81
71
0
39
91
92
89
0
N/A
47
68
75
50
75
+1
62
89
fIF = 3.5 GHz, LO= 7.875 GHz at 0 dBm, and fRF = 28 GHz at
−30 dBm.
N × LO
0
1
2
3
4
5
6
7
8
M × RF
−2
90
86
83
95
94
83
89
58
−1
70
93
70
41
0
65
90
89
83
0
N/A
47
62
66
49
74
86
+1
70
90
88
fIF = 3.5 GHz, LO= 10.5 GHz at 0 dBm, and fRF =39 GHz at
−30 dBm
N × LO
0
1
2
3
4
5
6
7
8
M × RF
−2
85
87
94
94
90
58
−1
61
91
81
35
0
87
84
84
82
0
N/A
39
51
62
53
+1
61
89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com