Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1014ACCZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADMV1014ACCZ-R7
Description  24 GHz to 44 GHz, Wideband, Microwave Downconverter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1014ACCZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADMV1014ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 9Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 10Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 11Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 12Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 13Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 14Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 15Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
ADMV1014
Data Sheet
Rev. A | Page 12 of 42
80
60
70
0
10
20
30
40
50
23
25
27
29
31
33
35
37
39
41
43
45
RF INPUT FREQUENCY (GHz)
+85°C UPPER SIDEBAND
+25°C UPPER SIDEBAND
–40°C UPPER SIDEBAND
Figure 22. Image Rejection vs. RF Input Frequency at Maximum Gain for
Various Temperatures, fBB = 100 MHz, Uncalibrated
23
25
27
29
31
33
35
37
39
41
43
45
80
60
70
0
10
20
30
40
50
RF INPUT FREQUENCY (GHz)
+85°C UPPER SIDEBAND
+25°C UPPER SIDEBAND
–40°C UPPER SIDEBAND
Figure 23. Image Rejection vs. RF Input Frequency at Maximum Gain for
Various Temperatures, fBB = 100 MHz, Calibrated
23
25
27
29
31
33
35
37
39
41
43
45
80
60
70
0
10
20
30
40
50
RF INPUT FREQUENCY (GHz)
3.5V UPPER SIDEBAND
3.3V UPPER SIDEBAND
3.1V UPPER SIDEBAND
Figure 24. Image Rejection vs. RF Input Frequency for Various Supply
Voltages, fBB = 100 MHz
23
25
27
29
31
33
35
37
39
41
43
45
80
60
70
0
10
20
30
40
50
RF INPUT FREQUENCY (GHz)
+6dBm UPPER SIDEBAND
0dBm UPPER SIDEBAND
–6dBm UPPER SIDEBAND
Figure 25. Image Rejection vs. RF Input Frequency for Various LO Inputs,
fBB = 100 MHz
80
60
70
0
10
20
30
40
50
0
0.20.40.6
0.81.01.21.41.61.8
VATT (V)
39GHz UPPER SIDEBAND
28GHz UPPER SIDEBAND
Figure 26. Image Rejection vs. VATT for Various RF Frequencies (fRF),
fBB = 100 MHz at fRF = 28 GHz and 39 GHz
123
45
67
80
60
70
0
10
20
30
40
50
0
BASEBAND FREQUENCY (GHz)
39GHz UPPER SIDEBAND
28GHz UPPER SIDEBAND
39GHz LOWER SIDEBAND
28GHz LOWER SIDEBAND
Figure 27. Image Rejection vs. Baseband Frequency at fRF = 28 GHz and
39 GHz (Upper Sideband and Lower Sideband)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com