Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1014ACCZ-R7 Datasheet(PDF) 38 Page - Analog Devices

Part # ADMV1014ACCZ-R7
Description  24 GHz to 44 GHz, Wideband, Microwave Downconverter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1014ACCZ-R7 Datasheet(HTML) 38 Page - Analog Devices

Back Button ADMV1014ACCZ-R7 Datasheet HTML 34Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 35Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 36Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 37Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 38Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 39Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 40Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 41Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 42Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 38 / 42 page
background image
ADMV1014
Data Sheet
Rev. A | Page 38 of 42
Address: 0x03, Reset: 0x0157, Name: ENABLE
Power Down the RX Ibias
Power Down the RX BG
Turn on bits to optim ize P1dB
Digital RX Detector Enable
Power Down the IF Am p
Power Down the Quadrupler Bias
Current.
Power Down the Base-Band Am p
Power Down the Quadrupler BandGap
0
1
1
1
2
1
3
0
4
1
5
0
6
1
7
0
8
1
9
0
10
0
11
0
12
0
13
0
14
0
15
0
[15] RESERVED
[4:0] RESERVED
[14] IBIAS_PD (R/W)
[5] BG_PD (R/W)
[13:12] P1DB_COMPENSATION (R/W)
[6] DET_EN (R/W)
[11] IF_AMP_PD (R/W)
[7] QUAD_IBIAS_PD (R/W)
[10] RESERVED
[8] BB_AMP_PD (R/W)
[9] QUAD_BG_PD (R/W)
Table 12. Bit Descriptions for ENABLE
Bits
Bit Name
Settings
Description
Reset
Access
15
RESERVED
Reserved
0x0
R
14
IBIAS_PD
Power Down the Rx IBIAS
0x0
R/W
[13:12]
P1DB_COMPENSATION
Turn on bits to optimize P1dB
0x0
R/W
11
IF_AMP_PD
Power Down the IF Amp
0x0
R/W
10
RESERVED
Reserved
0x0
R
9
QUAD_BG_PD
Power Down the Quadrupler Band Gap
0x0
R/W
8
BB_AMP_PD
Power Down the Baseband Amp
0x1
R/W
7
QUAD_IBIAS_PD
Power Down the Quadrupler Bias Current
0x0
R/W
6
DET_EN
Digital Rx Detector Enable
0x1
R/W
5
BG_PD
Power Down the Rx BG
0x0
R/W
[4:0]
RESERVED
Reserved
0x1
R
Address: 0x04, Reset: 0x5700, Name: QUAD
LO Filters BW Selection
1111: LO Frequency BW: 5.4 to 7GHz.
1010: LO Frequency BW: 5.4 to 8GHz.
0101: LO Frequency BW: 6.6 to 9.2GHz.
0000: LO Frequency BW: 8.625 to 10.25GHz.
Switch Differential/SE Modes
1100: Differential Mode.
1001: SE_Mode_P_Side.
0110: SE_Mode_N_Side.
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
8
1
9
1
10
1
11
0
12
1
13
0
14
1
15
0
[15:10] RESERVED
[3:0] QUAD_FILTERS (R/W)
[9:6] QUAD_SE_MODE (R/W)
[5:4] RESERVED
Table 13. Bit Descriptions for QUAD
Bits
Bit Name
Settings
Description
Reset
Access
[15:10]
RESERVED
Reserved
0x15
R
[9:6]
QUAD_SE_MODE
Switch Differential/SE Modes
0xC
R/W
0110
SE Mode N Side
1001
SE Mode P Side
1100
Differential Mode
[5:4]
RESERVED
Reserved.
0x0
R
[3:0]
QUAD_FILTERS
LO Filters BW Selection
0x0
R/W
0000
LO Frequency BW: 8.625 GHz to 10.25 GHz
0101
LO Frequency BW: 6.6 GHz to 9.2 GHz
1010
LO Frequency BW: 5.4 GHz to 8 GHz
1111
LO Frequency BW: 5.4 GHz to 7 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com