Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1014ACCZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADMV1014ACCZ-R7
Description  24 GHz to 44 GHz, Wideband, Microwave Downconverter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1014ACCZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADMV1014ACCZ-R7 Datasheet HTML 9Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 10Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 11Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 12Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 13Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 14Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 15Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 16Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
Data Sheet
ADMV1014
Rev. A | Page 13 of 42
60
0
10
20
30
40
50
23
25
27
29
31
33
35
37
39
41
43
45
RF FREQUENCY (GHz)
+85°C UPPER SIDEBAND
+25°C UPPER SIDEBAND
–40°C UPPER SIDEBAND
Figure 28. Input IP2 vs. RF Frequency at Maximum Gain for Various
Temperatures, RF Amplitude = −30 dBm per Tone at 20 MHz Spacing,
fBB = 100 MHz (Upper Sideband)
60
0
10
20
30
40
50
23
25
27
29
31
33
35
37
39
41
43
45
RF FREQUENCY (GHz)
3.5V UPPER SIDEBAND
3.3V UPPER SIDEBAND
3.1V UPPER SIDEBAND
Figure 29. Input IP2 vs. RF Frequency (fRF) at Maximum Gain for Various
Supply Voltages, RF Amplitude = −30 dBm per Tone at 20 MHz Spacing,
fBB = 100 MHz (Upper Sideband)
23
25
27
29
31
33
35
37
39
41
43
45
60
0
10
20
30
40
50
RF FREQUENCY (GHz)
+6dBm UPPER SIDEBAND
0dBm UPPER SIDEBAND
–6dBm UPPER SIDEBAND
Figure 30. Input IP2 vs. RF Frequency at Maximum Gain for Various LO
Inputs, RF Amplitude = −30 dBm per Tone at 20 MHz Spacing, fBB = 100 MHz
(Upper Sideband)
60
0
10
20
30
40
50
0
0.20.40.6
0.81.01.21.41.61.8
VATT (V)
39GHz UPPER SIDEBAND
28GHz UPPER SIDEBAND
Figure 31. Input IP2 vs. VATT for Various RF Frequencies (fRF), RF Amplitude = −30
dBm per Tone at 20 MHz Spacing, fBB = 100 MHz (Upper Sideband) at
fRF = 28 GHz and 39 GHz
39GHz UPPER SIDEBAND
28GHz UPPER SIDEBAND
55
0
10
20
30
40
5
15
25
35
50
45
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0
BASEBAND FREQUENCY (GHz)
Figure 32. Input IP2 vs. Baseband Frequency at Maximum Gain, RF
Amplitude = −30 dBm per Tone at 20 MHz Spacing at fRF = 28 GHz and
39 GHz, Upper Sideband
39GHz LOWER SIDEBAND
28GHz LOWER SIDEBAND
55
0
10
20
30
40
5
15
25
35
50
45
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0
BASEBAND FREQUENCY (GHz)
Figure 33. Input IP2 vs. Baseband Frequency for Various RF Frequencies (fRF)
at 20 MHz Spacing, fBB = 100 MHz, fRF = 28 GHz and 39 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com