Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1014ACCZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADMV1014ACCZ-R7
Description  24 GHz to 44 GHz, Wideband, Microwave Downconverter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1014ACCZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADMV1014ACCZ-R7 Datasheet HTML 3Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 4Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 5Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 6Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 9Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 10Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
Data Sheet
ADMV1014
Rev. A | Page 7 of 42
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
VCC_QUAD
BG_RBIAS
RST
VCC_BG
VCC_LNA_1P5
GND
RF_IN
GND
SEN
I_P
I_N
IF_I
GND
IF_Q
Q_N
Q_P
ADMV1014
TOP VIEW
(Not to Scale)
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16
17
31
32
30 29 28 27 26 25
18
19
20
21
22
23
24
NOTES
1. EXPOSED PAD. SOLDER THE EXPOSED PAD
TO A LOW IMPEDANCE GROUND PLANE.
Figure 3. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
SEN
SPI Serial Enable. SEN is a high impedance pin with a logic of 1.8 V.
2, 3
I_P, I_N
Negative (I_N) and Positive (I_P) Differential BB I Outputs. These pins are dc-coupled.
4, 6
IF_I, IF_Q
IF I and IF Q Single-Ended Complex Quadrature Outputs. These pins are dc-coupled to GND, and
each pin is matched to 50 Ω.
5, 13, 17, 19, 25, 28
GND
Ground.
7, 8
Q_N, Q_P
Positive (Q_P) and Negative (Q_N) Differential Baseband Q Outputs. These pins are dc-coupled.
9
SDO
SPI Serial Data Output.
10
VCC_IF_BB
3.3 V Power Supply for BB and IF Section. Place a 100 pF, 0.01 μF, and a 10 μF capacitor close to this
pin.
11
VDET
Square Law Detector Output Voltage.
12
VCC_VGA
3.3 V Power Supply for RF Amplifier. Place a 100 pF, 0.01 μF, and a 10 μF capacitor close to this pin.
14
VCTRL
RF VVA Control Voltage. The voltage on this pin ranges from 1.8 V (minimum gain) to 0 V (maximum
gain). Refer to the ADMV1014-EVALZ user guide for the external component requirements.
15
VCC_VVA
1.8 V Power Supply for VVA Control Circuit. Place a 100 pF, 0.01 μF, and a 10 μF capacitor close to
this pin.
16
VCC_LNA_3P3
3.3 V Power Supply for LNA. Place a 100 pF, 0.01 μF, and a 10 μF capacitor close to this pin.
18
RF_IN
RF Input. This pin is dc-coupled internally with a choke to GND, and matched to 50 Ω, single-
ended. A dc input above 0 V requires external ac coupling.
20
VCC_LNA_1P5
1.5 V Power Supply for Low Noise Amplifier (LNA). Place a 100 pF, 0.01 μF, and a 10 μF capacitor
close to this pin.
21
VCC_BG
3.3 V Power Supply for Band Gap Circuit. Place a 100 pF, 0.01 μF, and a 10 μF capacitor close to this
pin.
22
RST
SPI Reset. Connect this pin to logic high for normal operation.
23
BG_RBIAS
Bang Gap Circuit External High Precision Resistor. Place a 1.1 kΩ, high precision resistor shunt to
ground close to this pin.
24
VCC_QUAD
3.3 V Power Supply for Quadruple. Place a 100 pF, 0.01 μF, and a 10 μF capacitor close to this pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com