Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1014ACCZ-R7 Datasheet(PDF) 34 Page - Analog Devices

Part # ADMV1014ACCZ-R7
Description  24 GHz to 44 GHz, Wideband, Microwave Downconverter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1014ACCZ-R7 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADMV1014ACCZ-R7 Datasheet HTML 30Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 31Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 32Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 33Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 34Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 35Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 36Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 37Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
ADMV1014
Data Sheet
Rev. A | Page 34 of 42
24
26
28
30
32
34
36
38
40
42
44
RF INPUT FREQUENCY (GHz)
40
0
10
20
30
5
15
25
35
LO DIFF
LO SE P SIDE
LO SE N SIDE
Figure 117. Image Rejection vs. RF Input Frequency for Three Different LO
Mode Settings, RF Amplitude = −30 dBm per Tone at 20 MHz Spacing,
fIF = 3.5 GHz (Upper Sideband)
PERFORMANCE ACROSS RF FREQUENCY AT FIXED
IF AND BASEBAND FREQUENCIES
The ADMV1014 quadrupler operates from 21.6 GHz to
41 GHz. When using high-side LO injection, the conversion
gain starts rolling off gradually after the quadrupler frequency
reaches 41 GHz. When using low-side LO, the conversion gain
starts rolling off when the quadrupler frequency is 21.6 GHz.
Figure 118 and Figure 119 show the conversion gain vs. RF
frequency in IF mode for fixed IF frequencies (TA = 25°C, LO =
6 dBm) for upper sideband and lower sideband, respectively.
Figure 120 and Figure 121 show the conversion gain vs. RF
frequency in IQ mode for fixed BB frequencies (TA = 25°C, LO =
6 dBm) for upper sideband and lower sideband, respectively.
23
25
27
29
31
33
35
37
39
41
43
45
RF FREQUENCY (GHz)
0.8GHz UPPER SIDEBAND
1.0GHz UPPER SIDEBAND
2.0GHz UPPER SIDEBAND
3.0GHz UPPER SIDEBAND
4.0GHz UPPER SIDEBAND
5.0GHz UPPER SIDEBAND
6.0GHz UPPER SIDEBAND
25
–30
–25
–20
–15
–10
–5
0
5
10
15
20
Figure 118. Conversion Gain vs. RF Frequency for Multiple IF Frequency
Settings (Upper Sideband)
23
25
27
29
31
33
35
37
39
41
43
45
RF FREQUENCY (GHz)
30
–70
–60
–50
–40
–30
–20
–10
0
10
20
0.8GHz LOWER SIDEBAND
1.0GHz LOWER SIDEBAND
2.0GHz LOWER SIDEBAND
3.0GHz LOWER SIDEBAND
4.0GHz LOWER SIDEBAND
5.0GHz LOWER SIDEBAND
6.0GHz LOWER SIDEBAND
Figure 119. Conversion Gain vs. RF Frequency at Multiple IF Frequency
Settings (Lower Sideband)
23
25
27
29
31
33
35
37
39
41
43
45
RF FREQUENCY (GHz)
25
–30
–25
–20
–15
–10
–5
0
5
10
15
20
0.8GHz UPPER SIDEBAND
1.0GHz UPPER SIDEBAND
2.0GHz UPPER SIDEBAND
3.0GHz UPPER SIDEBAND
4.0GHz UPPER SIDEBAND
5.0GHz UPPER SIDEBAND
6.0GHz UPPER SIDEBAND
Figure 120. Conversion Gain vs. RF Frequency at Multiple I/Q Frequency
Settings (Upper Sideband)
23
25
27
29
31
33
35
37
39
41
43
45
RF FREQUENCY (GHz)
30
–60
–50
–40
–30
–20
–10
0
10
20
0.8GHz LOWER SIDEBAND
1.0GHz LOWER SIDEBAND
2.0GHz LOWER SIDEBAND
3.0GHz LOWER SIDEBAND
4.0GHz LOWER SIDEBAND
5.0GHz LOWER SIDEBAND
6.0GHz LOWER SIDEBAND
Figure 121. Conversion Gain vs. RF Frequency at Multiple IQ Frequency
Settings (Lower Sideband)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com