Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1014ACCZ-R7 Datasheet(PDF) 41 Page - Analog Devices

Part # ADMV1014ACCZ-R7
Description  24 GHz to 44 GHz, Wideband, Microwave Downconverter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1014ACCZ-R7 Datasheet(HTML) 41 Page - Analog Devices

Back Button ADMV1014ACCZ-R7 Datasheet HTML 34Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 35Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 36Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 37Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 38Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 39Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 40Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 41Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 42Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 41 / 42 page
background image
Data Sheet
ADMV1014
Rev. A | Page 41 of 42
Address: 0x0A, Reset: 0x2390, Name: BB_AMP_AGC
Setting between High and Low Output
Com m on Mode Voltage; Should Be
Set to Oppos ite from RegA<bit6>
Control BB Com m on Mode Voltage
See the Baseband Quadrature Dem odulation
(I/Q Mode) s ection for m ore inform ation.
See Figure 44 to Figure 46.
0
0
1
0
2
0
3
0
4
1
5
0
6
0
7
1
8
1
9
1
10
0
11
0
12
0
13
1
14
0
15
0
[15:7] RESERVED
[0] BB_SWITCH_HIGH_LOW_COMMON_MODE (R/W)
[6:3] BB_AMP_REF_GEN (R/W)
[2:1] BB_AMP_GAIN_CTRL (R/W)
Table 18. Bit Descriptions for BB_AMP_AGC
Bits
Bit Name
Settings
Description
Reset
Access
[15:7]
RESERVED
Reserved.
0x4
R
[6:3]
BB_AMP_REF_GEN
Control BB Common-Mode Voltage. See the
Baseband Quadrature Demodulation (I/Q Mode)
section for more information.
0x2
R/W
[2:1]
BB_AMP_GAIN_CTRL
See Figure 44 to Figure 46.
0x0
R/W
0
BB_SWITCH_HIGH_LOW_COMMON_MODE
Setting between High and Low Output Common-
Mode Voltage. This bit must be set to opposite from
Register 0x0A, Bit 6. See the Baseband Quadrature
Demodulation (I/Q Mode) section for more
information.
0x0
R/W
Address: 0x0B, Reset: 0x4A5C, Name: VVA_TEMP_COMP
VVA Temperature Com pensation
0
0
1
0
2
1
3
1
4
1
5
0
6
1
7
0
8
0
9
1
10
0
11
1
12
0
13
0
14
1
15
0
[15:0] VVA_TEMPPERATURE_COMPENSATION (R/W)
Table 19. Bit Descriptions for VVA_TEMP_COMP
Bits
Bit Name
Settings
Description
Reset
Access
[15:0]
VVA_TEMPERATURE_COMPENSATION
VVA Temperature Compensation. Set to 0x727C. See the
Start-Up Sequence section and the VVA Temperature
Compensation section for more information. Disable
PARITY_EN when updating the VVA temperature
compensation.
0x4A5C
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com