Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1014ACCZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADMV1014ACCZ-R7
Description  24 GHz to 44 GHz, Wideband, Microwave Downconverter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1014ACCZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADMV1014ACCZ-R7 Datasheet HTML 11Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 12Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 13Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 14Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 15Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 16Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 17Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 18Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
Data Sheet
ADMV1014
Rev. A | Page 15 of 42
1.0
–1.0
–0.8
–0.4
0
0.4
0.8
–0.6
–0.2
0.2
0.6
012345
67
BASEBAND OUTPUT FREQUENCY (GHz)
BB I_N +85°C
BB I_N +25°C
BB I_N –40°C
BB Q_N +85°C
BB Q_N +25°C
BB Q_N –40°C
BB Q_P +85°C
BB Q_P +25°C
BB Q_P –40°C
Figure 40. Magnitude Error vs. Baseband Output Frequency, Referenced to
I_P Output, fRF = 28 GHz, for Various Temperatures, at Maximum Gain
8
–8
–4
0
4
–6
–2
2
6
012345
67
BASEBAND OUTPUT FREQUENCY (GHz)
BB I_N +85°C
BB I_N +25°C
BB I_N –40°C
BB Q_N +85°C
BB Q_N +25°C
BB Q_N –40°C
BB Q_P +85°C
BB Q_P +25°C
BB Q_P –40°C
Figure 41. Phase Error vs. Baseband Output Frequency, Referenced to I_P
Output, fRF = 28 GHz, for Various Temperatures, at Maximum Gain
1.0
–1.0
–0.8
–0.4
0
0.4
0.8
–0.6
–0.2
0.2
0.6
012345
67
BASEBAND OUTPUT FREQUENCY (GHz)
BB I_N +85°C
BB I_N +25°C
BB I_N –40°C
BB Q_N +85°C
BB Q_N +25°C
BB Q_N –40°C
BB Q_P +85°C
BB Q_P +25°C
BB Q_P –40°C
Figure 42. Magnitude Error vs. Baseband Output Frequency, Referenced to
I_P Output, fRF = 39 GHz, for Various Temperatures, at Maximum Gain
8
–8
–4
0
4
–6
–2
2
6
012345
67
BASEBAND OUTPUT FREQUENCY (GHz)
BB I_N +85°C
BB I_N +25°C
BB I_N –40°C
BB Q_N +85°C
BB Q_N +25°C
BB Q_N –40°C
BB Q_P +85°C
BB Q_P +25°C
BB Q_P –40°C
Figure 43. Phase Error vs. Baseband Output Frequency, Referenced to I_P
Output, fRF = 39 GHz, for Various Temperatures, at Maximum Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com