Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1014ACCZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADMV1014ACCZ-R7
Description  24 GHz to 44 GHz, Wideband, Microwave Downconverter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1014ACCZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADMV1014ACCZ-R7 Datasheet HTML 22Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 23Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 24Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 25Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 26Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 27Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 28Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 29Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
ADMV1014
Data Sheet
Rev. A | Page 26 of 42
46
10
8
59
711
12
–30
–80
–45
–60
–35
–50
–70
–65
–55
–75
–40
LO INPUT FREQUENCY (GHz)
I = +85°C
I = +25°C
I = –40°C
Q = +85°C
Q = +25°C
Q = –40°C
Figure 98. LO to IF Leakage vs. LO Input Frequency at Various Temperatures
–40
–90
–55
–70
–45
–60
–80
–75
–65
–85
–50
46
10
812
LO INPUT FREQUENCY (GHz)
I_P = +85°C
I_P = +25°C
I_P = –40°C
I_N = +85°C
I_N = +25°C
I_N = –40°C
Q_P = +85°C
Q_P = +25°C
Q_P = –40°C
Q_N = +85°C
Q_N = +25°C
Q_N = –40°C
Figure 99. LO to I/Q Leakage vs. LO Input Frequency at Various Temperatures
(Taken Without Hybrid)
46
10
8
59
711
12
–30
–80
–45
–60
–35
–50
–70
–65
–55
–75
–40
LO INPUT FREQUENCY (GHz)
I = 0
I = 1
I = 3
I = 7
I = 15
Q = 0
Q = 1
Q = 3
Q = 7
Q = 15
Figure 100. LO to IF Leakage, vs. LO Input Frequency at Different IF Amplifier
Gain Settings (Taken Without Hybrid)
46
10
8
59
711
12
–40
–90
–55
–70
–45
–60
–80
–75
–65
–85
–50
LO INPUT FREQUENCY (GHz)
I_P = 0
I_P = 3
I_N = 0
I_N = 3
Q_P = 0
Q_P = 3
Q_N = 0
Q_N = 3
Figure 101. Fundamental LO to I/Q Leakage vs. LO Input Frequency at
Different Baseband Amplifier Gain Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com