Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1014ACCZ-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # ADMV1014ACCZ-R7
Description  24 GHz to 44 GHz, Wideband, Microwave Downconverter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1014ACCZ-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADMV1014ACCZ-R7 Datasheet HTML 21Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 22Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 23Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 24Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 25Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 26Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 27Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 28Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
Data Sheet
ADMV1014
Rev. A | Page 25 of 42
RETURN LOSS AND ISOLATIONS
RF amplitude = −30 dBm, measurements performed with a 0 mV dc bias. VCC_MIXER = VCC_QUAD = VCC_BG = VCC_LNA =
VCC_VGA = VCC_IF_BB = 3.3 V, DVDD = VCC_VVA = 1.8 V, Register 0x0B is set to 0x727C, Register 0x03, Bits[13:12] are set to 11,
and TA = 25°C, unless otherwise noted.
Measurements in IF mode performed with a 90° hybrid, Register 0x03, Bit 11 = 0, Register 0x03, Bit 8 = 1, unless otherwise noted.
Measurements in I/Q mode are measured as a composite of the I and Q channel performed, VCM = 1.15 V, Register 0x03, Bit 11 = 1, and
Register 0x03, Bit 8 = 0, unless otherwise noted.
0
–35
–15
–25
–5
–20
–30
–10
23
27
35
31
39
43
25
33
29
37
41
45
RF FREQUENCY (GHz)
Figure 92. RF Input Return Loss vs. RF Frequency
0
–35
–15
–25
–5
–20
–30
–10
46
10
8
59
711
12
LO FREQUENCY (GHz)
LON
LOP
LODIFF
Figure 93. LO Return Loss vs. LO Frequency
46
10
8
59
711
12
–50
–100
–65
–80
–55
–70
–90
–85
–75
–95
–60
LO INPUT FREQUENCY (GHz)
LOx1 = +85°C
LOx1 = +25°C
LOx1 = –40°C
LOx4 = +85°C
LOx4 = +25°C
LOx4 = –40°C
Figure 94. LO to RF Leakage vs. LO Input Frequency for Various Temperatures
at Different Gain Settings
0
–35
–15
–30
–5
–20
–25
–10
0
I/Q FREQUENCY (GHz)
I
Q
123
456
7
Figure 95. I/Q Differential Return Loss vs. I/Q Frequency (Taken Without
Hybrids or Baluns)
0
–35
–15
–30
–5
–20
–25
–10
02
6
4
15
37
IF FREQUENCY (GHz)
IF_I
IF_Q
Figure 96. IF Return Loss vs. IF Frequency (Taken Without Hybrid)
46
10
8
59
711
12
–50
–100
–65
–80
–55
–70
–90
–85
–75
–95
–60
LO INPUT FREQUENCY (GHz)
LOx1 = 1.8
LOx1 = 0.9
LOx1 = 0
LOx4 = 1.8
LOx4 = 0.9
LOx4 = 0
Figure 97. LO to IF Leakage vs. LO Input Frequency at Different VCTRL Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com