Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1014ACCZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADMV1014ACCZ-R7
Description  24 GHz to 44 GHz, Wideband, Microwave Downconverter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1014ACCZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADMV1014ACCZ-R7 Datasheet HTML 14Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 15Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 16Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 17Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 18Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 19Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 20Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 21Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
ADMV1014
Data Sheet
Rev. A | Page 18 of 42
12
–12
–10
–8
–6
–4
–2
0
2
4
6
8
10
23
25
27
29
31
33
35
37
39
41
43
45
RF FREQUENCY (GHz)
+85°C UPPER SIDEBAND
+25°C UPPER SIDEBAND
–40°C UPPER SIDEBAND
+85°C LOWER SIDEBAND
+25°C LOWER SIDEBAND
–40°C LOWER SIDEBAND
Figure 53. Input IP3 vs. RF Frequency at Maximum Gain for Various
Temperatures, RF Amplitude = −30 dBm per Tone at 20 MHz Spacing,
fIF = 3.5 GHz (Upper Sideband and Lower Sideband)
12
–12
–10
–8
–6
–4
–2
0
2
4
6
8
10
23
25
27
29
31
33
35
37
39
41
43
45
RF FREQUENCY (GHz)
3.5V UPPER SIDEBAND
3.3V UPPER SIDEBAND
3.1V UPPER SIDEBAND
3.5V LOWER SIDEBAND
3.3V LOWER SIDEBAND
3.1V LOWER SIDEBAND
Figure 54. Input IP3 vs. RF Frequency at Maximum Gain for Various Supply
Voltages, RF Amplitude = −30 dBm per Tone at 20 MHz Spacing, fIF = 3.5 GHz
(Upper Sideband and Lower Sideband)
12
–12
–10
–8
–6
–4
–2
0
2
4
6
8
10
23
25
27
29
31
33
35
37
39
41
43
45
RF FREQUENCY (GHz)
+6dBm UPPER SIDEBAND
0dBm UPPER SIDEBAND
–6dBm UPPER SIDEBAND
+6dBm LOWER SIDEBAND
0dBm LOWER SIDEBAND
–6dBm LOWER SIDEBAND
Figure 55. Input IP3 vs. RF Frequency at Maximum gain for Various LO Inputs,
RF Amplitude = −30 dBm per Tone at 20 MHz Spacing, fIF = 3.5 GHz
(Upper Sideband and Lower Sideband)
10
–6
–4
0
4
8
–2
2
6
00.2
0.6
1.0
0.4
0.8
1.2
1.4
1.6
1.8
VATT (V)
39GHz UPPER SIDEBAND
28GHz UPPER SIDEBAND
39GHz LOWER SIDEBAND
28GHz LOWER SIDEBAND
Figure 56. Input IP3 vs. VATT for Various RF Frequencies (fRF), RF Amplitude =
−30 dBm per Tone at 20 MHz Spacing, fIF = 3.5 GHz at fRF = 28 GHz and
39 GHz (Upper Sideband and Lower Sideband)
10
–10
–8
–6
–4
0
4
8
–2
2
6
39GHz UPPER SIDEBAND
28GHz UPPER SIDEBAND
39GHz LOWER SIDEBAND
28GHz LOWER SIDEBAND
0.5 1.0
2.0
3.0
1.5
2.5
3.5 4.0 4.5 5.0 5.5
6.5
6.0
7.0
IF FREQUENCY (GHz)
Figure 57. Input IP3 vs. IF Frequency at Maximum Gain, RF Amplitude =
−30 dBm per Tone at 20 MHz Spacing at fRF = 28 GHz and 39 GHz
(Upper Sideband and Lower Sideband)
5
–5
–4
–3
–2
0
2
4
–1
1
3
39GHz UPPER SIDEBAND
28GHz UPPER SIDEBAND
39GHz LOWER SIDEBAND
28GHz LOWER SIDEBAND
–30
–29
–27
–25
–28
–26
–24
–23
–22
–21
–20
INPUT POWER (dBm)
Figure 58. Input IP3 vs. Input Power for Various RF Frequencies (fRF), at
20 MHz Spacing, fIF = 3.5 GHz, fRF = 28 GHz and 39 GHz
(Upper Sideband and Lower Sideband)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com