Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1014ACCZ-R7 Datasheet(PDF) 40 Page - Analog Devices

Part # ADMV1014ACCZ-R7
Description  24 GHz to 44 GHz, Wideband, Microwave Downconverter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1014ACCZ-R7 Datasheet(HTML) 40 Page - Analog Devices

Back Button ADMV1014ACCZ-R7 Datasheet HTML 34Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 35Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 36Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 37Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 38Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 39Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 40Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 41Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 42Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 40 / 42 page
background image
ADMV1014
Data Sheet
Rev. A | Page 40 of 42
Address: 0x08, Reset: 0x0000, Name: IF_AMP
IF Amp I, 10 Fine Steps from 0x0 to
0xA (Total attenuation ~1dB). Refer
to Figure 80 to Figure 82.
Digital IF Am p 1dB Step Gain_I
1111: Refer to Figure 77 to Figure 79.
111: Refer to Figure 77 to Figure 79.
11: Refer to Figure 77 to Figure 79.
1: Refer to Figure 77 to Figure 79.
0: Refer to Figure 77 to Figure 79.
IF Amp Q, 10 Fine Steps from 0x0
to 0xA (Total attenuation ~1dB). Refer
to Figure 80 to Figure 82.
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
8
0
9
0
10
0
11
0
12
0
13
0
14
0
15
0
[15:12] RESERVED
[3:0] IF_AMP_FINE_GAIN_I (R/W)
[11:8] IF_AMP_COARSE_GAIN_I (R/W)
[7:4] IF_AMP_FINE_GAIN_Q (R/W)
Table 16. Bit Descriptions for IF_AMP
Bits
Bit Name
Settings
Description
Reset
Access
[15:12]
RESERVED
Reserved.
0x0
R
[11:8]
IF_AMP_COARSE_GAIN_I
Digital IF Amp Step Gain I.
0x0
R/W
0
Refer to Figure 77 to Figure 79.
1
Refer to Figure 77 to Figure 79.
11
Refer to Figure 77 to Figure 79.
111
Refer to Figure 77 to Figure 79.
1111
Refer to Figure 77 to Figure 79.
[7:4]
IF_AMP_FINE_GAIN_Q
IF Amp Q, 10 Fine Steps from 0x0 to 0xA. Refer to Figure 80 to Figure 82.
0x0
R/W
[3:0]
IF_AMP_FINE_GAIN_I
IF Amp I, 10 Fine Steps from 0x0 to 0xA. Refer to Figure 80 to Figure 82.
0x0
R/W
Address: 0x9, Reset: 0x0000, Name: IF_AMP__BB_AMP
Digital IF Am p 1dB Step Gain_Q
1111: Refer to Figure 77 to Figure 79.
111: Refer to Figure 77 to Figure 79.
11: Refer to Figure 77 to Figure 79.
1: Refer to Figure 77 to Figure 79.
0: Refer to Figure 77 to Figure 79.
BB Am p I. Bit 4: Us e as Sign Bit, b’1
is for pos itive values and b’0 is for
negative values ; Bits [3:0] Minim um
Offset, 0xF: Maxim um Offs et.
BB Am p Q. Bit 9: Us e as Sign Bit,
b’1is for pos itive values and b’0 is
for negative values ; Bit [8:5] Minim um
Offset, 0xF: Maxim um Offs et.
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
8
0
9
0
10
0
11
0
12
0
13
0
14
0
15
0
[15:12] IF_AMP_COARSE_GAIN_Q (R/W)
[4:0] BB_AMP_OFFSET_I (R/W)
[11:10] RESERVED
[9:5] BB_AMP_OFFSET_Q (R/W)
Table 17. Bit Descriptions for IF_AMP__BB_AMP
Bits
Bit Name
Settings
Description
Reset
Access
[15:12]
IF_AMP_COARSE_GAIN_Q
Digital IF Amp 1 dB Step Gain Q
0x0
R/W
0
Refer to Figure 77 to Figure 79
1
Refer to Figure 77 to Figure 79
11
Refer to Figure 77 to Figure 79
111
Refer to Figure 77 to Figure 79
1111
Refer to Figure 77 to Figure 79
[11:10]
RESERVED
Reserved.
0x0
R
[9:5]
BB_AMP_OFFSET_Q
BB Amp Q (Bit 9: Use as Sign Bit, 1 is for positive values and 0 is for
negative values; Bits[8:5]: Minimum Offset, 0xF: Maximum Offset)
0x0
R/W
[4:0]
BB_AMP_OFFSET_I
BB Amp I (Bit 4: Use as Sign Bit, 1 is for positive values and 0 is for
negative values; Bits[3:0]: Minimum Offset, 0xF: Maximum Offset)
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com