Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1014ACCZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADMV1014ACCZ-R7
Description  24 GHz to 44 GHz, Wideband, Microwave Downconverter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1014ACCZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADMV1014ACCZ-R7 Datasheet HTML 1Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 2Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 3Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 4Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 5Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 6Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
Data Sheet
ADMV1014
Rev. A | Page 5 of 42
SERIAL PORT REGISTER TIMING
Table 2.
Parameter
䡟escription
Min
Typ
Max
Unit
tSDI, SETUP
Data to clock setup time
10
ns
tSDI, HOLD
Data to clock hold time
10
ns
tSCLK, HIGH
Clock high duration
40 to 60
%
tSCLK, LOW
Clock low duration
40 to 60
%
tSCLK, SEN_SETUP
Clock to SEN setup time
30
ns
tSCLK, DOT
Clock to data out transition time
10
ns
tSCLK, DOV
Clock to data out valid time
10
ns
tSCLK, SEN_INACTIVE
Clock to SEN inactive
20
ns
t
SEN_INACTIVE
Inactive SEN (between two operations)
80
ns
Timing Diagram
tSCLK, LOW
tSCLK, DOT
SDO
tSCLK, DOV
SDI
tSDI, SETUP
tSDI, HOLD
SCLK
tSEN_INACTIVE
tSCLK, HIGH
tSCLK, SEN_INACTIVE
tSCLK, SEN_SETUP
SEN
Figure 2. Serial Port Register Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com