Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1014ACCZ-R7 Datasheet(PDF) 30 Page - Analog Devices

Part # ADMV1014ACCZ-R7
Description  24 GHz to 44 GHz, Wideband, Microwave Downconverter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1014ACCZ-R7 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADMV1014ACCZ-R7 Datasheet HTML 26Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 27Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 28Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 29Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 30Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 31Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 32Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 33Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
ADMV1014
Data Sheet
Rev. A | Page 30 of 42
Table 7. Power-Down Power and Latency Requirements
Bit Name
Circuit
Typical Power
Savings (mW)
Power-Up
Latency (μs)
Power-Down
Latency (μs)
IBIAS_PD
Receiver bias current (IBIAS)
1172
5
<1
QUAD_IBIAS_PD
LO path
238
4
<1
BG_PD and QUAD_BG_PD
Band gap
1423
4.5
<1
IBIAS_PD, IF_AMP_PD, QUAD_BG_PD,
BB_AMP_PD, QUAD_IBIAS_PD, BG_PD
Entire chip
1435
5
<1
123456789
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
SCLK
SDI
D11
R/W
A5A4A3A2
A1
A0
D15
D14
D13
D12
P
D10
D9D8D7
D6
D5
D4D3D2D1D0
SEN
Figure 103. Write Serial Port Timing Diagram
1
2
3
4
5
6
7
8
9
1011
12
13
1415161718
192021222324
SCLK
SDI
SDO
D0
P
D5
D4
D3
D2
D1
D10
D9D8D7D6
D15D14D13D12D11
A1
A0
R/W
A5
A4A3A2
SEN
Figure 104. Read Serial Port Timing Diagram
SERIAL PORT INTERFACE (SPI)
The SPI of the ADMV1014 allows the user to configure the device
for specific functions or operations via a 4-pin SPI port. This
interface provides users with added flexibility and customization.
The SPI consists of four control lines: SCLK, SDIN, SDO, and
SEN.
The ADMV1014 protocol consists of a write/read bit followed
by six register address bits, 16 data bits, and a parity bit. Both
the address and data fields are organized most significant bit
(MSB) first and end with the least significant bit. For a write, set
the first bit to 0. For a read, set the first bit to 1.
The write cycle sampling must be performed on the rising edge.
The 16 bits of the serial write data are shifted in, MSB to Lower
Sideband. The ADMV1014 input logic level for the write cycle
supports an 1.8 V interface.
For a read cycle, up to 16 bits of serial read data are shifted out,
MSB first. After the 16 bits of data shift out, the parity bit shifts
out. The output logic level for a read cycle is 1.8 V.
The parity bit always follows the direction of the data. If parity
is not used, the transmitting end transmits zero instead of parity.
The parity is odd, which means that the total number of ones
transmitted during a command, including the read/write bit,
the address bit, the data bit, and the parity bit, must be odd.
Figure 103 and Figure 104 show the SPI write and read
protocol, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com