Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1014ACCZ-R7 Datasheet(PDF) 36 Page - Analog Devices

Part # ADMV1014ACCZ-R7
Description  24 GHz to 44 GHz, Wideband, Microwave Downconverter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1014ACCZ-R7 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADMV1014ACCZ-R7 Datasheet HTML 32Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 33Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 34Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 35Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 36Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 37Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 38Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 39Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 42 page
background image
ADMV1014
Data Sheet
Rev. A | Page 36 of 42
REGISTER SUMMARY
Table 8. Register Summary
Reg.
Name
Bits
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Reset
R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x00
SPI_CONTROL
[15:8]
PARITY_EN
SPI_SOFT_
RESET
RESERVED
CHIP_ID[7:4]
0x0093
R/W
[7:0]
CHIP_ID[3:0]
REVISION
0x01
ALARM
[15:8]
PARITY_
ERROR
TOO_FEW_
ERRORS
TOO_MANY_
ERRORS
ADDRESS
_RANGE_
ERROR
RESERVED
0x0000
R
[7:0]
RESERVED
0x02
ALARM_MASKS
[15:8]
PARITY_
ERROR_MASK
TOO_
FEW_
ERRORS_
MASK
TOO_MANY_
ERRORS_
MASK
ADDRESS
_RANGE_
ERROR_
MASK
RESERVED
0xFFFF
R/W
[7:0]
RESERVED
0x03
ENABLE
[15:8]
RESERVED
IBIAS_PD
P1DB_COMPENSATION
IF_AMP_
PD
RESERVED
QUAD_
BG_PD
BB_AMP_
PD
0x0157
R/W
[7:0]
QUAD_IBIAS_
PD
DET_EN
BG_PD
RESERVED
0x04
QUAD
[15:8]
RESERVED
QUAD_SE_MODE[3:2]
0x5700
R/W
[7:0]
QUAD_SE_MODE[1:0]
RESERVED
QUAD_FILTERS
0x05
LO_AMP_
PHASE_
ADJUST1
[15:8]
LOAMP_PH_ADJ_I_FINE
LOAMP_
PH_ADJ_
Q_FINE[6]
0x4101
R/W
[7:0]
LOAMP_PH_ADJ_Q_FINE[5:0]
RESERVED
0x07
MIXER
[15:8]
MIXER_VGATE
RESERVED
0xD808
R/W
[7:0]
RESERVED
DET_PROG
0x08
IF_AMP
[15:8]
RESERVED
IF_AMP_COARSE_GAIN_I
0x0000
R/W
[7:0]
IF_AMP_FINE_GAIN_Q
IF_AMP_FINE_GAIN_I
0x09
IF_AMP_BB_
AMP
[15:8]
IF_AMP_COARSE_GAIN_Q
RESERVED
BB_AMP_OFFSET_Q[4:3]
0x0000
R/W
[7:0]
BB_AMP_OFFSET_Q[2:0]
BB_AMP_OFFSET_I
0x0A
BB_AMP__AGC
[15:8]
RESERVED
0x2390
R/W
[7:0]
RESERVED
BB_AMP_REF_GEN
BB_AMP_GAIN_CTRL
BB_
SWITCH_
HIGH_
LOW_
COMMON_
MODE
0x0B
VVA_TEMP_
COMP
[15:8]
VVA_TEMPERATURE_COMPENSATION[15:8]
0x4A5C
R/W
[7:0]
VVA_TEMPERATURE_COMPENSATION[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com