Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1014ACCZ-R7 Datasheet(PDF) 39 Page - Analog Devices

Part # ADMV1014ACCZ-R7
Description  24 GHz to 44 GHz, Wideband, Microwave Downconverter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1014ACCZ-R7 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADMV1014ACCZ-R7 Datasheet HTML 34Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 35Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 36Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 37Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 38Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 39Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 40Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 41Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 42Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
Data Sheet
ADMV1014
Rev. A | Page 39 of 42
Address: 0x05, Reset: 0x4101, Name: LO_AMP_PHASE_ADJUST1
Mixer Im age Rejection Calibration
0x00:Maximum Phase, 0x7F: Minim um
Phas e
Mixer Im age Rejection Calibration
0x00:Maximum Phase, 0x7F: Minim um
Phas e
0
1
1
0
2
0
3
0
4
0
5
0
6
0
7
0
8
1
9
0
10
0
11
0
12
0
13
0
14
1
15
0
[15:9] LOAMP_PH_ADJ_I_FINE (R/W)
[1:0] RESERVED
[8:2] LOAMP_PH_ADJ_Q_FINE (R/W)
Table 14. Bit Descriptions for LO_AMP_PHASE_ADJUST1
Bits
Bit Name
Settings
Description
Reset
Access
[15:9]
LOAMP_PH_ADJ_I_FINE
Mixer Image Rejection Calibration 0x00: Maximum Phase, 0x7F:
Minimum Phase
0x20
R/W
[8:2]
LOAMP_PH_ADJ_Q_FINE
Mixer Image Rejection Calibration 0x0: Maximum Phase, 0x7F:
Minimum Phase
0x40
R/W
[1:0]
RESERVED
Reserved.
0x1
R
Address: 0x07, Reset: 0xD808, Name: MIXER
Control BB Comm on Mode Voltage
(Please s ee the application section
for more Inform ation)
Digital RX Detector Program
1000000: From -18 to -2dBm .
100000: From -17 to -1dBm .
10000: From -16.25 to -0.25dBm .
1000: From -15.5 to +0.5dBm.
100: From -15 to +1dBm .
10: From -14 to +2dBm .
1: From -13 to +3dBm .
0: From -12 to +4dBm .
0
0
1
0
2
0
3
1
4
0
5
0
6
0
7
0
8
0
9
0
10
0
11
1
12
1
13
0
14
1
15
1
[15:9] MIXER_VGATE (R/W)
[6:0] DET_PROG (R/W)
[8:7] RESERVED
Table 15. Bit Descriptions for MIXER
Bits
Bit Name
Settings
Description
Reset
Access
[15:9]
MIXER_VGATE
Control BB Common Mode Voltage. See the Applications Information section for
more information)
0x6C
R/W
[8:7]
RESERVED
Reserved.
0x0
R
[6:0]
DET_PROG
Digital Rx Detector Program.
0x8
R/W
0
From −12 dBm to +4 dBm.
1
From −13 dBm to +3 dBm.
10
From −14 dBm to +2 dBm.
100
From −15 dBm to +1 dBm.
1000
From −15.5 dBm to +0.5 dBm.
10000
From −16.25 dBm to −0.25 dBm.
100000
From −17 dBm to −1 dBm.
1000000
From −18 dBm to −2 dBm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com