Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1014ACCZ-R7 Datasheet(PDF) 28 Page - Analog Devices

Part # ADMV1014ACCZ-R7
Description  24 GHz to 44 GHz, Wideband, Microwave Downconverter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1014ACCZ-R7 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADMV1014ACCZ-R7 Datasheet HTML 24Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 25Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 26Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 27Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 28Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 29Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 30Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 31Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
ADMV1014
Data Sheet
Rev. A | Page 28 of 42
THEORY OF OPERATION
The ADMV1014 is a wideband microwave downconverter
optimized for microwave radio designs operating in the 24 GHz
to 44 GHz frequency range. See Figure 1 for a functional block
diagram of the device. The ADMV1014 digital settings are
controlled via the SPI. The ADMV1014 has two modes of
operation:
Baseband quadrature demodulation (I/Q mode)
Image reject I/Q downconversion (IF mode)
START-UP SEQUENCE
The ADMV1014 SPI settings require its default settings to be
changed during startup for optimum performance. To use the
SPI, toggle the RST pin to logic low and then logic high to
perform a hard reset before starting up the device.
Set Register 0x0B to 0x727C after every power-up or reset. Set
Register 0x03, Bits[13:12] to 11 after every power-up or reset.
BASEBAND QUADRATURE DEMODULATION (I/Q
MODE)
In I/Q mode, the output impedance of the baseband I/Q ports is
100 Ω differential. These outputs are designed to be loaded to a
dc-coupled, differential, 100 Ω load. I_P and I_N are the
differential baseband I outputs. Q_P and Q_N are the
differential baseband Q outputs.
To set the ADMV1014 in I/Q mode, set BB_AMP_PD
(Register 0x03, Bit 8) to 0 and set IF_AMP_PD (Register 0x03,
Bit 11) to 1.
The baseband I/Q ports are designed to operate from dc to
6.0 GHz at each I and Q channel.
The BB output VCM can be changed from 1.05 V to 1.85 V. To
change the VCM, set BB_SWITCH_HIGH_LOW_COMMMON
(Register 0x0A, Bit 0) to be the opposite of Register 0x0A, Bit 6.
Also, set the MIXER_VGATE bit field (Register 0x07, Bits[15:9])
and the BB_AMP_REF_GEN bit field (Register 0x0A, Bits[6:3])
based on Table 6.
Table 6 provides the correct setting for these bit fields vs. the
required common-mode voltage.
The VCM can be further adjusted on each I or Q channel by
±15 mV by setting the BB_AMP_OFFSET_I bit field
(Register 0x09, Bits[4:0]) and the BB_AMP_OFFSET_Q bit field
(Register 0x09, Bits[9:5]) for each VCM setting shown in Table 6.
The most significant bit (MSB) for each bit field is the sign bit.
When the MSB is 1, the values of the four lower bits are
positive. When the MSB is 0, the values of the four lower bits
are negative. These bits also offer input IP2 and common-mode
rejection optimization.
The BB I/Q section of the ADMV1014 also features a baseband
amplifier with a digital attenuator that is controlled by setting
the BB_AMP_GAIN_CTRL bit field (Register 0x0A, Bits[2:1]).
Figure 44, Figure 45, and Figure 46 show the performance of the
baseband digital attenuator.
The Baseband Quadrature Demodulation to Very Low
Frequencies section shows the baseband performance to very
low demodulation frequencies.
Table 6. Common-Mode Voltage Settings
VCM (V)
MIXER_VGATE
(Register 0x07, Bits[15:9])
BB_AMP_REF_GEN
(Register 0x0A, Bits[6:3])
BB_SWITCH_HIGH_LOW_COMMON_MODE
(Register 0x0A, Bit 0)
1.05
1101010
0000
1
1.10
1101011
0001
1
1.15
1101100
0010
1
1.20
1101110
0011
1
1.25
1101111
0100
1
1.30
1110000
0101
1
1.35
1110001
0110
1
1.40
1110010
0111
1
1.50
1110101
1000
0
1.55
1110110
1001
0
1.60
1110111
1010
0
1.65
1111000
1011
0
1.70
1111010
1100
0
1.75
1111011
1101
0
1.80
0101100
1110
0
1.85
0101101
1111
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com