Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1014ACCZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADMV1014ACCZ-R7
Description  24 GHz to 44 GHz, Wideband, Microwave Downconverter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1014ACCZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADMV1014ACCZ-R7 Datasheet HTML 1Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 2Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 3Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 4Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 5Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 6Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
24 GHz to 44 GHz,
Wideband, Microwave Downconverter
Data Sheet
ADMV1014
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2018–2019 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Wideband RF input frequency range: 24 GHz to 44 GHz
2 downconversion modes
Direct conversion from RF to baseband I/Q
Image rejecting downconversion to complex IF
LO input frequency range: 5.4 GHz to 10.25 GHz
LO quadrupler for up to 41 GHz
Matched 50 Ω, single-ended RF input, and complex IF outputs
Option between matched 100 Ω balanced or 50 Ω single-
ended LO inputs
100 Ω balanced baseband I/Q output impedance with
adjustable output common-mode voltage level
Image rejection optimization
Square law power detector for setting mixer input power
Variable attenuator for receiver power control
Programmable via a 4-wire SPI interface
32-terminal, 5 mm × 5 mm LGA package
APPLICATIONS
Point to point microwave radios
Radar, electronic warfare systems
Instrumentation, automatic test equipment (ATE)
FUNCTIONAL BLOCK DIAGRAM
90°
DET
SEN
Q_N
Q_P
IF_Q
GND
IF_I
I_P
I_N
VCC_QUAD
GND
RF_IN
GND
VCC_LNA_1P5
VCC_BG
RST
BG_RBIAS
0°
×4
ADMV1014
Figure 1.
GENERAL DESCRIPTION
The ADMV1014 is a silicon germanium (SiGe), wideband,
microwave downconverter optimized for point to point microwave
radio designs operating in the 24 GHz to 44 GHz frequency range.
The downconverter offers two modes of frequency translation.
The device is capable of direct quadrature demodulation to
baseband inphase (I)/quadrature (Q) output signals, as well as
image rejection downconversion to a complex intermediate
frequency (IF) output carrier frequency. The baseband outputs
can be dc-coupled, or, more typically, the I/Q outputs are
ac-coupled with a sufficiently low high-pass corner frequency
to ensure adequate demodulation accuracy. The serial port
interface (SPI) allows fine adjustment of the quadrature phase
to allow the user to optimize I/Q demodulation performance.
Alternatively, the baseband I/Q outputs can be disabled, and the
I/Q signals can be passed through an on-chip active balun to
provide two single-ended complex IF outputs anywhere between
800 MHz and 6000 MHz. When used as an image rejecting
downconverter, the unwanted image term is typically
suppressed to better than 30 dBc below the wanted sideband.
The ADMV1014 offers a flexible local oscillator (LO) system,
including a frequency quadruple option allowing up to a 41 GHz
range of LO input frequencies to cover a radio frequency (RF)
input range as wide as 24 GHz to 44 GHz. A square law power
detector is provided to allow monitoring of the power levels at
the mixer inputs. The detector output provides closed-loop
control of the RF input variable attenuator through an external
op amp error integrator circuit option.
The ADMV1014 downconverter comes in a compact, thermally
enhanced, 5 mm × 5 mm LGA package. The ADMV1014 operates
over the −40°C to +85°C case temperature range.


Similar Part No. - ADMV1014ACCZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMV1010 AD-ADMV1010 Datasheet
401Kb / 21P
12.6 GHz to 15.4 GHz, GaAs, MMIC, I/Q Downconverter
4/2018-Rev. A to Rev. B
ADMV1010-EVALZ AD-ADMV1010-EVALZ Datasheet
401Kb / 21P
12.6 GHz to 15.4 GHz, GaAs, MMIC, I/Q Downconverter
4/2018-Rev. A to Rev. B
ADMV1010AEZ AD-ADMV1010AEZ Datasheet
401Kb / 21P
12.6 GHz to 15.4 GHz, GaAs, MMIC, I/Q Downconverter
4/2018-Rev. A to Rev. B
ADMV1010AEZ-R7 AD-ADMV1010AEZ-R7 Datasheet
401Kb / 21P
12.6 GHz to 15.4 GHz, GaAs, MMIC, I/Q Downconverter
4/2018-Rev. A to Rev. B
ADMV1011 AD-ADMV1011 Datasheet
607Kb / 26P
17 GHz to 24 GHz, GaAs, MMIC, I/Q Upconverter
2/2018-Rev. 0 to Rev. A
More results

Similar Description - ADMV1014ACCZ-R7

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC334LP4 HITTITE-HMC334LP4 Datasheet
303Kb / 8P
SiGe WIDEBAND DOWNCONVERTER, 0.8 - 2.7 GHz
HMC334LP4 HITTITE-HMC334LP4_10 Datasheet
315Kb / 8P
SiGe WIDEBAND DOWNCONVERTER, 0.6 - 2.7 GHz
logo
API Technologies Corp
BXHF1075 APITECH-BXHF1075 Datasheet
597Kb / 1P
43 GHz to 44 GHz Microwave Amplifier
logo
Analog Devices
ADMV1012 AD-ADMV1012 Datasheet
441Kb / 19P
17.5 GHz to 24 GHz, GaAs, MMIC, I/Q Downconverter
2/2018-Rev. 0 to Rev. A
ADRF6780 AD-ADRF6780 Datasheet
871Kb / 35P
5.9 GHz to 23.6 GHz, Wideband, Microwave Upconverter
1/2019-Rev. C to Rev. D
HMC6147ALC5A AD-HMC6147ALC5A Datasheet
883Kb / 12P
GaAs MMIC I/Q DOWNCONVERTER 37 - 44 GHz
HMC6789BLC5A AD-HMC6789BLC5A Datasheet
1Mb / 24P
GaAs MMIC I/Q DOWNCONVERTER 37 - 44 GHz
ADMV1139 AD-ADMV1139 Datasheet
90Kb / 2P
37 GHz to 48.2 GHz, 5G, Microwave Upconverter and Downconverter
ADMV4640 AD-ADMV4640 Datasheet
2Mb / 41P
10.7 GHz to 12.7 GHz, SATCOM, Microwave Downconverter
Rev. A
ADMV1139A AD-ADMV1139A Datasheet
86Kb / 2P
37 GHz to 50 GHz, 5G, Microwave Upconverter and Downconverter
Rev. Sp0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com