Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1014ACCZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADMV1014ACCZ-R7
Description  24 GHz to 44 GHz, Wideband, Microwave Downconverter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1014ACCZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADMV1014ACCZ-R7 Datasheet HTML 1Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 2Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 3Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 4Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 5Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 6Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
Data Sheet
ADMV1014
Rev. A | Page 3 of 42
SPECIFICATIONS
RF amplitude = −30 dBm, measurements performed with a 0 mV dc bias. VCC_MIXER = VCC_QUAD = VCC_BG = VCC_LNA =
VCC_VGA = VCC_IF_BB = 3.3 V, DVDD = VCC_VVA = 1.8 V, Register 0x0B set to 0x727C, Register 0x03, Bits[12:13] set to 11, and
ambient temperature (TA) = 25°C, unless otherwise noted.
Measurements are in IF mode, performed with a 90° hybrid, Register 0x03, Bit 11 = 0, and Register 0x03, Bit 8 = 1, unless otherwise noted.
Measurements in I/Q mode are measured as a composite of the I and Q channel performance, common-mode voltage (VCM) = 1.15 V,
Register 0x03, Bit 11 = 1, and Register 0x03, Bit 8 = 0, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGES
RF Input
24
44
GHz
LO Input
5.4
10.25
GHz
LO Quadrupler
21.6
41
GHz
IF Output
0.8
6.0
GHz
Baseband (BB) I/Q Output
DC
6.0
GHz
LO AMPLITUDE RANGE
−6
0
+6
dBm
I/Q DEMODULATOR PERFORMANCE
Conversion Gain
At maximum gain
24 GHz to 42 GHz
12.5
17
dB
42 GHz to 44 GHz
12.5
17
dB
Voltage Variable Attenuator (VVA) Control Range
19
dB
Single Sideband (SSB) Noise Figure
At maximum gain
24 GHz to 42 GHz
5.5
8
dB
42 GHz to 44 GHz
6
8.5
dB
Input Third-Order Intercept (IP3)
At maximum gain
24 GHz to 42 GHz
0
dBm
42 GHz to 44 GHz
−1
dBm
Input Second-Order Intercept (IP2)
24 GHz to 44 GHz, at maximum gain
45
dBm
Input 1 dB Compression Point (P1dB)
At maximum gain
24 GHz to 42 GHz
−14
−10
dBm
42 GHz to 44 GHz
−15
−11
dBm
Amplitude Balance
±0.5
dB
Phase Balance
DC < baseband frequency (fBB) < 2 GHz
1
Degrees
2 GHz < fBB < 4 GHz
2
Degrees
4 GHz < fBB < 6 GHz
4
Degrees
Image Rejection
24 GHz to 44 GHz, at maximum gain
Uncalibrated
45
dBc
Calibrated
52
dBc
IF DOWNCONVERTER PERFORMANCE
Conversion Gain
At maximum gain
24 GHz to 42 GHz
12.5
17
dB
42 GHz to 44 GHz
11.5
16
dB
VVA Control Range
19
dB
SSB Noise Figure
At maximum gain
24 GHz to 42 GHz
5.5
8
dB
42 GHz to 44 GHz
6
8.5
dB
Input IP3
At maximum gain
24 GHz to 42 GHz
0
dBm
42 GHz to 44 GHz
0.5
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com