Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1014ACCZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADMV1014ACCZ-R7
Description  24 GHz to 44 GHz, Wideband, Microwave Downconverter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1014ACCZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADMV1014ACCZ-R7 Datasheet HTML 19Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 20Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 21Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 22Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 23Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 24Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 25Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 26Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
Data Sheet
ADMV1014
Rev. A | Page 23 of 42
02
46
13
57
1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
IF OUTPUT FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 83. I/Q Magnitude Error vs. IF Output Frequency, Referenced to IF_I
Output, fRF = 28 GHz, for Various Temperatures, at Maximum Gain
02
46
13
57
5
–5
–4
–3
–2
–1
0
1
2
3
4
IF OUTPUT FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 84. I/Q Phase Error vs. IF Output Frequency, Referenced to IF_I Output,
fRF = 28 GHz, for Various Temperatures, at Maximum Gain
02
46
13
57
IF OUTPUT FREQUENCY (GHz)
+85°C
+25°C
–40°C
1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
Figure 85. I/Q Magnitude Error vs. IF Output Frequency, Referenced to IF_I
Output, fRF = 39 GHz, for Various Temperatures, at Maximum Gain
02
46
13
57
5
–5
–4
–3
–2
–1
0
1
2
3
4
IF OUTPUT FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 86. I/Q Phase Error vs. IF Output Frequency, Referenced to IF_I Output,
fRF = 39 GHz, for Various Temperatures, at Maximum Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com