Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1014ACCZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADMV1014ACCZ-R7
Description  24 GHz to 44 GHz, Wideband, Microwave Downconverter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1014ACCZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADMV1014ACCZ-R7 Datasheet HTML 12Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 13Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 14Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 15Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 16Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 17Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 18Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 19Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
ADMV1014
Data Sheet
Rev. A | Page 16 of 42
25
0
5
10
15
20
23
25
27
29
31
33
35
37
39
41
43
45
RF FREQUENCY (GHz)
0
1
2
3
Figure 44. Conversion Gain vs. RF Frequency at Four Different
BB_AMP_GAIN_CTRL (Register 0x0A, Bits[2:1]) Settings, fBB = 100 MHz
(Upper Sideband)
23
25
27
29
31
33
35
37
39
41
43
45
RF FREQUENCY (GHz)
0
1
2
3
5
–5
–4
–3
–2
–1
0
1
2
3
4
Figure 45. Input IP3 vs. RF Frequency at Four Different BB_AMP_GAIN_CTRL
(Register A, Bits[2:1]) Settings, fBB = 100 MHz (Upper Sideband)
23
25
27
29
31
33
35
37
39
41
43
45
RF FREQUENCY (GHz)
0
1
2
3
12
0
2
4
6
8
10
Figure 46. Noise Figure vs. RF Frequency Four Different BB_AMP_GAIN_CTRL
(Register 0x0A, Bits[2:1]) Settings, fBB = 100 MHz (Upper Sideband)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com