Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1014ACCZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADMV1014ACCZ-R7
Description  24 GHz to 44 GHz, Wideband, Microwave Downconverter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1014ACCZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADMV1014ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 9Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 10Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 11Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 12Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 13Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 14Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
Data Sheet
ADMV1014
Rev. A | Page 11 of 42
12
0
2
4
6
8
10
23
25
27
29
31
33
35
37
39
41
43
45
RF FREQUENCY (GHz)
+85°C UPPER SIDEBAND
+25°C UPPER SIDEBAND
–40°C UPPER SIDEBAND
Figure 16. Noise Figure vs. RF Frequency at Maximum Gain for Various
Temperatures, fBB = 100 MHz
12
0
2
4
6
8
10
23
25
27
29
31
33
35
37
39
41
43
45
RF FREQUENCY (GHz)
3.5V UPPER SIDEBAND
3.3V UPPER SIDEBAND
3.1V UPPER SIDEBAND
Figure 17. Noise Figure vs. RF Frequency for Various Supply Voltages,
fBB = 100 MHz
12
0
2
4
6
8
10
23
25
27
29
31
33
35
37
39
41
43
45
RF FREQUENCY (GHz)
+6dBm UPPER SIDEBAND
0dBm UPPER SIDEBAND
–6dBm UPPER SIDEBAND
Figure 18. Noise Figure vs. RF Frequency for Various LO Inputs, fBB = 100 MHz
25
0
5
10
15
20
0
0.20.40.6
0.81.01.21.41.61.8
VATT (V)
+85°C AT 39GHz
+25°C AT 39GHz
–40°C AT 39GHz
+85°C AT 28GHz
+25°C AT 28GHz
–40°C AT 28GHz
Figure 19. Noise Figure vs. VATT for Various RF Frequencies and Temperatures,
fBB = 100 MHz at fRF = 28 GHz and 39 GHz
9
0
2
4
6
8
1
3
5
7
39GHz UPPER SIDEBAND
28GHz UPPER SIDEBAND
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0
BASEBAND FREQUENCY (GHz)
Figure 20. Noise Figure vs. Baseband Frequency at fRF = 28 GHz and 39 GHz
(Upper Sideband)
9
0
2
4
6
8
1
3
5
7
39GHz LOWER SIDEBAND
28GHz LOWER SIDEBAND
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0
BASEBAND FREQUENCY (GHz)
Figure 21. Noise Figure vs. Baseband Frequency at fRF = 28 GHz and 39 GHz
(Lower Sideband)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com