Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1014ACCZ-R7 Datasheet(PDF) 31 Page - Analog Devices

Part # ADMV1014ACCZ-R7
Description  24 GHz to 44 GHz, Wideband, Microwave Downconverter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1014ACCZ-R7 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADMV1014ACCZ-R7 Datasheet HTML 27Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 28Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 29Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 30Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 31Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 32Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 33Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 34Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
Data Sheet
ADMV1014
Rev. A | Page 31 of 42
APPLICATIONS INFORMATION
ERROR VECTOR MAGNITUDE (EVM)
PERFORMANCE
Figure 105 shows the EVM vs. input power performance of the
ADMV1014 in IF mode at maximum gain, upper sideband,
25°C and 0 dBm LO input power. The EVM measurement was
performed using four 100 MHz, 5G-NR, 256QAM waveforms.
The EVM shown is the average of the four channels. The EVM
of the test equipment was not de-embedded.
Figure 106 shows the constellation diagram and EVM statistics
of each of the four channels at −30 dBm input power.
–45
–40
–35
–30
–25
–20
–15
PIN (dBm)
1.8
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Figure 105. EVM vs. Input Power at 28 GHz, VCTRL = 0 V, TA = 25°C,
LO = 0 dBm, Upper Sideband (Low-Side LO), IF = 3.5 GHz
Figure 106. Constellation Diagram and EVM Statistics per Channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com