Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1014ACCZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADMV1014ACCZ-R7
Description  24 GHz to 44 GHz, Wideband, Microwave Downconverter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1014ACCZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADMV1014ACCZ-R7 Datasheet HTML 13Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 14Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 15Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 16Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 17Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 18Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 19Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 20Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
Data Sheet
ADMV1014
Rev. A | Page 17 of 42
IF MODE
RF amplitude = −30 dBm, measurements performed with a 0 mV dc bias. VCC_MIXER = VCC_QUAD = VCC_BG = VCC_LNA =
VCC_VGA = VCC_IF_BB = 3.3 V, DVDD = VCC_VVA = 1.8 V, TA = 25°C unless otherwise specified. Register 0x0B set to 0x727C,
Register 0x03, Bits[12:13] set to 11, measurements performed with a 90° hybrid, Register 0x03, Bit 11 = 0, and Register 0x03, Bit 8 = 1.
25
–30
–25
–20
–15
–10
–5
0
5
10
15
20
23
25
27
29
31
33
35
37
39
41
43
45
RF FREQUENCY (GHz)
+85°C UPPER SIDEBAND
+25°C UPPER SIDEBAND
–40°C UPPER SIDEBAND
+85°C LOWER SIDEBAND
+25°C LOWER SIDEBAND
–40°C LOWER SIDEBAND
Figure 47. Conversion Gain vs. RF Frequency at Maximum Gain for Various
Temperatures, fIF = 3.5 GHz (Upper Sideband and Lower Sideband)
25
–30
–25
–20
–15
–10
–5
0
5
10
15
20
23
25
27
29
31
33
35
37
39
41
43
45
RF FREQUENCY (GHz)
3.5V UPPER SIDEBAND
3.3V UPPER SIDEBAND
3.1V UPPER SIDEBAND
3.5V LOWER SIDEBAND
3.3V LOWER SIDEBAND
3.1V LOWER SIDEBAND
Figure 48. Conversion Gain vs. RF Frequency at Maximum Gain for Various
Supply Voltages, fIF = 3.5 GHz (Upper Sideband and Lower Sideband)
25
–30
–25
–20
–15
–10
–5
0
5
10
15
20
23
25
27
29
31
33
35
37
39
41
43
45
RF FREQUENCY (GHz)
+6dBm UPPER SIDEBAND
0dBm UPPER SIDEBAND
–6dBm UPPER SIDEBAND
+6dBm LOWER SIDEBAND
0dBm LOWER SIDEBAND
–6dBm LOWER SIDEBAND
Figure 49. Conversion Gain vs. RF Frequency at Maximum Gain for Various
LO Inputs, fIF = 3.5 GHz (Upper Sideband and Lower Sideband)
25
0
5
10
15
20
0.5 1.0
2.0
3.0
1.5
2.5
3.5 4.0 4.5 5.0 5.5
6.5
6.0
7.0
IF FREQUENCY
39GHz UPPER SIDEBAND
28GHz UPPER SIDEBAND
39GHz LOWER SIDEBAND
28GHz LOWER SIDEBAND
Figure 50. Conversion Gain vs. IF Frequency (fIF) at Maximum Gain,
fRF = 28 GHz and 39 GHz (Upper Sideband and Lower Sideband)
25
–15
–10
–5
0
5
10
15
20
0
0.20.40.6
0.81.01.21.41.61.8
VATT (V)
+85°C AT 28GHz
+25°C AT 28GHz
–40°C AT 28GHz
+85°C AT 39GHz
+25°C AT 39GHz
–40°C AT 39GHz
Figure 51. Conversion Gain vs. VATT at Various Temperatures, fIF = 3.5 GHz,
fRF = 28 GHz and 39 GHz (Upper Sideband)
25
–15
–10
–5
0
5
10
15
20
0
0.20.40.6
0.81.01.21.41.61.8
VATT (V)
+85°C AT 28GHz
+25°C AT 28GHz
–40°C AT 28GHz
+85°C AT 39GHz
+25°C AT 39GHz
–40°C AT 39GHz
Figure 52. Conversion Gain vs. VATT at Various Temperatures, fIF = 3.5 GHz ,
fRF = 28 GHz and 39 GHz (Lower Sideband)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com