Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1014ACCZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADMV1014ACCZ-R7
Description  24 GHz to 44 GHz, Wideband, Microwave Downconverter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1014ACCZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADMV1014ACCZ-R7 Datasheet HTML 18Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 19Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 20Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 21Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 22Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 23Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 24Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 25Page - Analog Devices ADMV1014ACCZ-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
ADMV1014
Data Sheet
Rev. A | Page 22 of 42
23
25
27
29
31
33
35
37
39
41
43
45
20
0
2
6
4
8
10
12
14
16
18
RF FREQUENCY (GHz)
0
1
3
7
15
Figure 77. Conversion Gain vs. RF Frequency at Different
IF_AMP_COARSE_GAIN_x Settings, fIF = 3.5 GHz (Upper Sideband); Settings for
Register 0x08, Bits[11:8] and Register 0x09, Bits[15:12] Are the Same
5
–5
–4
–2
–3
–1
0
1
2
3
4
23
25
27
29
31
33
35
37
41
39
45
43
RF FREQUENCY (GHz)
0
1
3
7
15
Figure 78. Input IP3 vs. RF Frequency at Different IF_AMP_COARSE_GAIN_x
Settings, fIF = 3.5 GHz (Upper Sideband); Settings for Register 0x08, Bits[11:8]
and Register 0x09, Bits[15:12] Are the Same
23
25
27
29
31
33
35
37
39
41
43
45
10
0
1
3
2
4
5
6
7
8
9
RF FREQUENCY (GHz)
0
1
3
7
15
Figure 79. Noise Figure vs. RF Frequency at Different
IF_AMP_COARSE_GAIN_x Settings, fIF = 3.5 GHz (Upper Sideband); Settings for
Register 0x08, Bits[11:8] and Register 0x09, Bits[15:12] Are the Same
23
25
27
29
31
33
35
37
39
41
43
45
20
0
2
4
6
8
10
12
14
16
18
RF FREQUENCY (GHz)
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Figure 80. Conversion Gain vs. RF Frequency at Different IF_AMP_
FINE_GAIN_x Settings, fIF = 3.5 GHz (Upper Sideband); Register 0x08, Bits[7:4]
and Bits[3:0] Are the Same
5
–5
–4
–2
–3
–1
0
1
2
3
4
23
25
27
29
31
33
35
37
41
39
45
43
RF FREQUENCY (GHz)
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Figure 81. Input IP3 vs. RF Frequency at Different IF_AMP_FINE_GAIN_x
Settings, fIF = 3.5 GHz (Upper Sideband); Settings for Register 0x08, Bits[7:4]
and Bits[3:0] Are the Same
23
25
27
29
31
33
35
37
39
41
43
45
10
0
1
3
2
4
5
6
7
8
9
RF FREQUENCY (GHz)
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Figure 82. Noise Figure vs. RF Frequency at Different IF_AMP_FINE_GAIN_x
Settings, fIF = 3.5 GHz (Upper Sideband); Settings for Register 0x08, Bits[7:4]
and Bits[3:0] Are the Same



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com