Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA450A Datasheet(PDF) 52 Page - STMicroelectronics

Part # STA450A
Description  XMRADIO SDARS SERVICE LAYER & SOURCE DECODER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA450A Datasheet(HTML) 52 Page - STMicroelectronics

Back Button STA450A Datasheet HTML 48Page - STMicroelectronics STA450A Datasheet HTML 49Page - STMicroelectronics STA450A Datasheet HTML 50Page - STMicroelectronics STA450A Datasheet HTML 51Page - STMicroelectronics STA450A Datasheet HTML 52Page - STMicroelectronics STA450A Datasheet HTML 53Page - STMicroelectronics STA450A Datasheet HTML 54Page - STMicroelectronics STA450A Datasheet HTML 55Page - STMicroelectronics STA450A Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 66 page
background image
STA450A
52/66
3.3.33 CHANNEL_REF_REQ
3.3.34 ARTSNGCHG_LIST_REQ
0
BIC_TEXT_CFM
0xAC
BIC text Confirm header
1
BIC_text_status
0x00 –ABSENT
0x01 – PRESENT
If BIC text was not received, then DSP
returns ABSENT. If BIC text was
received, then DSP returns PRESENT.
2
sid
1-255
SID
3
scroll_ narrowcast
see specification
Scrolling and narrowcast information.
Reference: Service Layer Specification;
revision 1.4; section 8.11.
4
text_size
1-253
Length of the text message.
5 to
text_size
+ 4
text
Extended ASCII
BIC Text
Reference: Service Layer Specification;
revision 1.4; section 8.11.
BYTE
FIELD
VALUE
DESCRIPTION
0
CHANNEL_TABLE_REQ
0x2D
Channel Table Request header.
1
start_channel_number
1 - 225
DSP returns the channel reference table
(CRT) segment from
start_channel_number to
start_channel_number + 30.
BYTE
FIELD
VALUE
DESCRIPTION
0
CHANNEL_TABLE_CFM
0xAD
Channel Table Confirm header
1
channel_number
1 - 225
Starting channel number.
2 – 255
channel_ref_table
Channel Reference Table
Reference: Service Layer Specification.
BYTE
FIELD
VALUE
DESCRIPTION
0
ARTSNGCHG_LIST_REQ
0x2E
Artist/Song Change List Request Header
BYTE
FIELD
VALUE
DESCRIPTION
0
ARTSNG_LIST_CFM
0xAE
Artist/Song List Confirm Header
1
channel_bit_mask00
bit 7 – channel 007
bit 6 – channel 006
bit 5 – channel 005
bit 4 – channel 004
bit 3 – channel 003
bit 2 – channel 002
bit 1 – channel 001
bit 0 – channel 000
Channel mask 0 – artist/song status
indication for channels from 0 to 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com