Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA450A Datasheet(PDF) 47 Page - STMicroelectronics

Part # STA450A
Description  XMRADIO SDARS SERVICE LAYER & SOURCE DECODER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA450A Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STA450A Datasheet HTML 43Page - STMicroelectronics STA450A Datasheet HTML 44Page - STMicroelectronics STA450A Datasheet HTML 45Page - STMicroelectronics STA450A Datasheet HTML 46Page - STMicroelectronics STA450A Datasheet HTML 47Page - STMicroelectronics STA450A Datasheet HTML 48Page - STMicroelectronics STA450A Datasheet HTML 49Page - STMicroelectronics STA450A Datasheet HTML 50Page - STMicroelectronics STA450A Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 66 page
background image
47/66
STA450A
3.3.21 SIB1_REQUEST
3.3.22 SERV_LABEL_REQ (SIB 2)
2
channel_program0
For channel number values is:
1 – 255
For program type values is :
1 – 31
If monitor request is set to 0x01, this
byte is a channel number (1-255). If the
monitor request is set to 0x02, this byte
is a program type (1-31).
…..
…..
…..
…..
…..
…..
…..
…..
17
channel_program15
For channel number values is:
1 – 255
For program type values is:
1 – 31
If monitor request is set to 0x01, this
byte is a channel number (1-255). If the
monitor request is set to 0x02, this byte
is a program type (1-31).
BYTE
FIELD
VALUE
DESCRIPTION
0
LABELMON_LIST_CFM
0x9B
Label Monitor List Confirm Header
1
monitor_request
0x00 – monitor label changes
for all channels.
0x01/0x03 – monitor label
changes for channels listed
below (from byte 23 to byte16)
0x02/0x04 – monitor label
changes for channels that
belongs to program types
listed below (from byte 2 to
byte 16)
The channel monitor type. Note if
monitor request set to 0x00 (all
channels), this command is only two
byte.
BYTE
FIELD
VALUE
DESCRIPTION
0
SERVICE_SELECTION_REQ
0x20
Service Selection Request header
1
channel_number
1-255
Channel number for which DSP returns
the Service Selection contained in
Service Information Block 1.
BYTE
FIELD
VALUE
DESCRIPTION
0
SERVICE_SELECTION_CFM
0xA0
Service Selection Confirm header
1
sib1_status
0x00 – SIB1_ABSENT
0x01 – SIB1_PRESENT
If SIB1 was not received, then DSP
returns SIB1_ABSENT. If SIB2 was
received, then DSP returns
SIB1_PRESENT.
2
sid
1-255
Service identifier
3 – 10
service_block1
Service Information Block 1 (SIB1). The
service selection is contained in SIB1.
Reference: Service Layer Specification.
BYTE
FIELD
VALUE
DESCRIPTION
0
SERVICE_LABEL_REQ
0x21
Service Label Request header
1
channel_number
1-255
Channel number for which DSP returns
the Service Label.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com