Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA450A Datasheet(PDF) 55 Page - STMicroelectronics

Part # STA450A
Description  XMRADIO SDARS SERVICE LAYER & SOURCE DECODER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA450A Datasheet(HTML) 55 Page - STMicroelectronics

Back Button STA450A Datasheet HTML 51Page - STMicroelectronics STA450A Datasheet HTML 52Page - STMicroelectronics STA450A Datasheet HTML 53Page - STMicroelectronics STA450A Datasheet HTML 54Page - STMicroelectronics STA450A Datasheet HTML 55Page - STMicroelectronics STA450A Datasheet HTML 56Page - STMicroelectronics STA450A Datasheet HTML 57Page - STMicroelectronics STA450A Datasheet HTML 58Page - STMicroelectronics STA450A Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 66 page
background image
55/66
STA450A
3.3.39 PROGLABEL_LIST_REQ
3.3.40 BIC_LABEL_REQ
1
data_to_clear
0x01 – channel reference
table
0x02 – program label
0x04 – SIB 1
0x08 – SIB2
0x10 – Last channels selected
0x1F– all sections (except last
channels selected)
user data to clear
BYTE
FIELD
VALUE
DESCRIPTION
0
CLEAR_DATA_CFM
0xB4
Clear Data Confirm
1
CMD RESULT
0x01 – cmd succesfull
0xFF – cmd fails
Command result. This command can
fails because the byte 1 in the command
buffer has a wrong number
BYTE
FIELD
VALUE
DESCRIPTION
0
PROGLABEL_LIST_REQ
0x36
Program Label List Request
BYTE
FIELD
VALUE
DESCRIPTION
0
PROGLABEL_LIST _CFM
0xB6
Program Label List Confirm header.
1 - 2
size
0x0000 – 0xFFFF
Size of the Program Label List Confirm
response.
MSB in byte 1. LSB in byte 2.
3
program_type
1 - 31
The first available program type.
4 - 19
program_label
ISO-8859-1 character set.
program label.
……
……
……
……
……
……
……
……
……
……
……
……
size 17
program_type
1 - 31
The last available program type.
size 16 to
size (1-2)
program_label
ISO-8859-1 character set.
program label.
BYTE
FIELD
VALUE
DESCRIPTION
0
BIC_LABEL_REQ
0x37
BIC Label Request
1
location
0x00 – AUDIO
0x01 - DATA
Since SDEC can extract two services
simultaneously, XM stack assigns an
extraction location.
2
extartist_label_flag
0x00 – no request
0x01 – get artist label
If the system controller is requesting the
extended BIC artist label, then set this
flag to 0x01.
3
extsong_label_flag
0x00 – no request
0x01 – get song label
If the system controller is requesting the
extended BIC song label, then set this
flag to 0x01.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com