Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA450A Datasheet(PDF) 53 Page - STMicroelectronics

Part # STA450A
Description  XMRADIO SDARS SERVICE LAYER & SOURCE DECODER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA450A Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STA450A Datasheet HTML 49Page - STMicroelectronics STA450A Datasheet HTML 50Page - STMicroelectronics STA450A Datasheet HTML 51Page - STMicroelectronics STA450A Datasheet HTML 52Page - STMicroelectronics STA450A Datasheet HTML 53Page - STMicroelectronics STA450A Datasheet HTML 54Page - STMicroelectronics STA450A Datasheet HTML 55Page - STMicroelectronics STA450A Datasheet HTML 56Page - STMicroelectronics STA450A Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 66 page
background image
53/66
STA450A
3.3.35 PROGTYPE_LIST_REQ
2
channel_bit_mask01
bit 7 – channel 015
bit 6 – channel 014
bit 5 – channel 013
bit 4 – channel 012
bit 3 – channel 011
bit 2 – channel 010
bit 1 – channel 009
bit 0 – channel 008
Channel mask 1 – artist/song status
indication for channels from 8 to 15.
……
……
……
…….
……
……
……
…….
……
……
……
…….
32
channel_bit_mask31
bit 7 – channel 255
bit 6 – channel 254
bit 5 – channel 253
bit 4 – channel 252
bit 3 – channel 251
bit 2 – channel 250
bit 1 – channel 249
bit 0 – channel 248
Channel mask 1 – artist/song status
indication for channels from 248 to 255.
BYTE
FIELD
VALUE
DESCRIPTION
0
PROGTYPE_LIST_REQ
0x2F
Program Type List Request
1
REQ TYPE
0x01 – program types
availables on lineup
0x02 – program types
selectable by the user
BYTE
FIELD
VALUE
DESCRIPTION
0
PROGTYPE _LIST_CFM
0xAF
Program Type List Confirm header
1
CMD_RESPONSE
0x01 - command succesfull
0xFF – command fails
The command can fails in case that the
command byte 1 is wrong (a non
implemented number)
1
progtype_bit_mask00
bit 7 – program type 07
bit 6 – program type 06
bit 5 – program type 05
bit 4 – program type 04
bit 3 – program type 03
bit 2 – program type 02
bit 1 – program type 01
bit 0 – program type 00
Program type mask 0 – program type
status indication bits for program type 0
to program type 7.
2
progtype_bit_mask01
bit 7 – program type 23
bit 6 – program type 22
bit 5 – program type 21
bit 4 – program type 20
bit 3 – program type 19
bit 2 – program type 18
bit 1 – program type 17
bit 0 – program type 16
Program type mask 1 – program type
status indication bits for program type 8
to program type 15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com