Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA450A Datasheet(PDF) 34 Page - STMicroelectronics

Part # STA450A
Description  XMRADIO SDARS SERVICE LAYER & SOURCE DECODER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA450A Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STA450A Datasheet HTML 30Page - STMicroelectronics STA450A Datasheet HTML 31Page - STMicroelectronics STA450A Datasheet HTML 32Page - STMicroelectronics STA450A Datasheet HTML 33Page - STMicroelectronics STA450A Datasheet HTML 34Page - STMicroelectronics STA450A Datasheet HTML 35Page - STMicroelectronics STA450A Datasheet HTML 36Page - STMicroelectronics STA450A Datasheet HTML 37Page - STMicroelectronics STA450A Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 66 page
background image
STA450A
34/66
3.3.2
DSP_PWRDWN_REQ
3.3.3
FORCE_UPDATE
3.3.4
CHANGE_DAC_CONF
3.3.5
HARD_MUTE
9 – 12
last_crw0
Last Channel Reference Word (CRW)
for location zero
Reference: Service Layer Specification
13
last_sc_type0
Last Service Component type for
location zero
Reference: Service Layer Specification
14 – 17
last_crw1
Last Channel Reference Word (CRW)
for location one
Reference: Service Layer Specification
18
last_sc_type1
Last Service Component type for
location one.
Reference: Service Layer Specification
19 – 26
Hwid
Hardware Identification
BYTE
FIELD
VALUE
DESCRIPTION
0
DSP_PWRDWN_REQ
0x01
DSP Power Down Request header
BYTE
FIELD
VALUE
DESCRIPTION
0
DSP_PWRDWN_CFM
0x81
DSP Power Down Confirm header
1 – 2
error_code
0x01 – CAP IO Error
0x02 – Invalid image
Power down error code.
BYTE
FIELD
VALUE
DESCRIPTION
0
FORCE_UPDATE_REQ
0x02
Force Update Request header
BYTE
FIELD
VALUE
DESCRIPTION
0
FORCE_UPDATE_CFM
0x82
Force Update Request header
BYTE
FIELD
VALUE
DESCRIPTION
0
CHANGE_DAC_CONF_REQ
0x03
DSP DAC configuration Request header
1
Pcm_divider
2
Pcm_configuration
BYTE
FIELD
VALUE
DESCRIPTION
0
CHANGE_DAC_CONF_CFM
0x83
DSP DAC configuration confirmation
BYTE
FIELD
VALUE
DESCRIPTION
0
HARD_MUTE_REQ
0x04
DSP hard mute Request header
1
Pcm_playmue
1 - play
2 - hard mute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com