Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA450A Datasheet(PDF) 36 Page - STMicroelectronics

Part # STA450A
Description  XMRADIO SDARS SERVICE LAYER & SOURCE DECODER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA450A Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STA450A Datasheet HTML 32Page - STMicroelectronics STA450A Datasheet HTML 33Page - STMicroelectronics STA450A Datasheet HTML 34Page - STMicroelectronics STA450A Datasheet HTML 35Page - STMicroelectronics STA450A Datasheet HTML 36Page - STMicroelectronics STA450A Datasheet HTML 37Page - STMicroelectronics STA450A Datasheet HTML 38Page - STMicroelectronics STA450A Datasheet HTML 39Page - STMicroelectronics STA450A Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 66 page
background image
STA450A
36/66
3.3.8
DATAPORT_CH_FREQUENCY
3.3.9
SERVICE_CHECK
BYTE
FIELD
VALUE
DESCRIPTION
0
DP_CF_REQ
0x07
Data port change frequency Request
header
1
Data port frequency divider
Max. 0x05 – 12 Mhz
Default 0x1E – 2 Mhz
Min. 0x3C – 1Mhz
System clock divider.
E.g. Divider = 0x1E (30)
DpClk = (SysClk / 12);
DpClk = (60 Mhz / 12) = 2 Mhz
BYTE
FIELD
VALUE
DESCRIPTION
0
DP_CF_CFM
0x87
Data port change frequency confirmation
BYTE
FIELD
VALUE
DESCRIPTION
0
SERVICE_CHECK_REQ
0x10
Service Check Request header
1
Sid
1-255
Service identifier
2
extract_type
0x00 – Audio
0x01 – Data
Service type to extract. MMI can extract the
audio or data service component.
BYTE
FIELD
VALUE
DESCRIPTION
0
SERVICE_CHECK_CFM
0x90
Service Check Confirm header
1
service_check_status
bit 7 – Service Present
0x80 – SID_PRESENT
0x00 – SID_ABSENT
bit 6 – PC Format
0x40 – PC_STANDARD
0x00 – PC_NONSTANDARD
bit 5 – Service On-Air
0x20 – SERVICE_ONAIR
0x00 – SERVICE_OFFAIR
bit 4 – Service Type
0x10 – TYPE_PRESENT
0x00 – TYPE_ABSENT
bit 3 – Service Free
0x08 – SERVICE_FREE
0x00 – SERVICE_NOTFREE
bit 2 – Activation
0x04 – ACT_PRESENT
0x00 – ACT_ABSENT
bit 1 – Authorization
0x02 – AUTH_PRESENT
0x00 – AUTH_ABSENT
b0 – Reserved
The bits are ordered from left to right.
The MSB is on the left and the LSB is
on the right.
b7, b6, b5, b4, b3, b2, b1, b0
2
channel_number
1 – 255
channel number for the service
3,4,5,6
crw
Channel Reference Word
Reference: Service Layer
Specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com